データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1S12XX データシート(PDF) 10 Page - STMicroelectronics

部品番号 ST1S12XX
部品情報  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12XX データシート(HTML) 10 Page - STMicroelectronics

Back Button ST1S12XX Datasheet HTML 6Page - STMicroelectronics ST1S12XX Datasheet HTML 7Page - STMicroelectronics ST1S12XX Datasheet HTML 8Page - STMicroelectronics ST1S12XX Datasheet HTML 9Page - STMicroelectronics ST1S12XX Datasheet HTML 10Page - STMicroelectronics ST1S12XX Datasheet HTML 11Page - STMicroelectronics ST1S12XX Datasheet HTML 12Page - STMicroelectronics ST1S12XX Datasheet HTML 13Page - STMicroelectronics ST1S12XX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Application notes
ST1S12XX, ST1S12XX12, ST1S12XX18
10/20
Doc ID 14314 Rev 3
6
Application notes
The ST1S12Gxx is an adjustable current mode PWM step-down DC-DC converter with
internal 0.7 A power switch, packaged in TSOT23-5L. This device is a complete 0.7 A
switching regulator, with its internal compensation eliminating the need for additional
components.
Because the ST1S12Gxx an adjustable regulator, the output voltage is determined by an
external resistor divider. The desired value is derived by the following equation:
Equation 1
VO = VFB [1 + R1 / R2]
For the device to function only a few component are required: an inductor, two capacitors
and the resistor divider. The inductor selected must be capable of non saturation at peak
current level. Moreover, its value can be selected taking into account that a large inductor
value increases efficiency at low output current and reduces output voltage ripple, while a
smaller inductor can be used when it is important to reduce package size and the total cost
of the application. Finally, the ST1S12Gxx has been designed to work properly with X5R or
X7R SMD ceramic capacitors both at the input and at the output. These types of capacitors,
due to their very low series resistance (ESR), minimize the output voltage ripple. Other low
ESR capacitors can be used according to the need of the application without compromising
the correct functioning of the device.


同様の部品番号 - ST1S12XX

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST1S12XX STMICROELECTRONICS-ST1S12XX Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S12XX12 STMICROELECTRONICS-ST1S12XX12 Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S12XX18 STMICROELECTRONICS-ST1S12XX18 Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
More results

同様の説明 - ST1S12XX

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST1S12XX STMICROELECTRONICS-ST1S12XX Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
   Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
L5980 STMICROELECTRONICS-L5980_08 Datasheet
1Mb / 37P
   0.7 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com