データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1S12XX12 データシート(PDF) 11 Page - STMicroelectronics

部品番号 ST1S12XX12
部品情報  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12XX12 データシート(HTML) 11 Page - STMicroelectronics

Back Button ST1S12XX12 Datasheet HTML 7Page - STMicroelectronics ST1S12XX12 Datasheet HTML 8Page - STMicroelectronics ST1S12XX12 Datasheet HTML 9Page - STMicroelectronics ST1S12XX12 Datasheet HTML 10Page - STMicroelectronics ST1S12XX12 Datasheet HTML 11Page - STMicroelectronics ST1S12XX12 Datasheet HTML 12Page - STMicroelectronics ST1S12XX12 Datasheet HTML 13Page - STMicroelectronics ST1S12XX12 Datasheet HTML 14Page - STMicroelectronics ST1S12XX12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ST1S12XX, ST1S12XX12, ST1S12XX18
Typical performance characteristics
Doc ID 14314 Rev 3
11/20
7
Typical performance characteristics
Unless otherwise specified, refer to the typical application circuit under the following
conditions: CIN = 4.7 µF, COUT = 10 µF, L = 2.2 µH
Figure 4.
Voltage feedback vs. temperature
Figure 5.
Drop vs. temperature
Figure 6.
Oscillator frequency vs.
temperature
Figure 7.
Efficiency vs. output current
Figure 8.
Efficiency vs. output current
Figure 9.
Efficiency vs. temperature
550
570
590
610
630
650
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VIN=VEN=3.6V, IOUT=10mA, VOUT=1.8V
550
570
590
610
630
650
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VIN=VEN=3.6V, IOUT=10mA, VOUT=1.8V
0
0.1
0.2
0.3
0.4
0.5
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
I
OUT=700mA, VOUT=2.7V, Duty cycle=100%
0
0.1
0.2
0.3
0.4
0.5
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
I
OUT=700mA, VOUT=2.7V, Duty cycle=100%
1.1
1.3
1.5
1.7
1.9
2.1
2.3
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN=VEN=3.6V, VFB=0.65V, VOUT=1.8V
1.1
1.3
1.5
1.7
1.9
2.1
2.3
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN=VEN=3.6V, VFB=0.65V, VOUT=1.8V
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
I
OUT [A]
V
IN=VEN=3V, IOUT=from 10mA to 700mA, VOUT=1.2V
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
I
OUT [A]
V
IN=VEN=3V, IOUT=from 10mA to 700mA, VOUT=1.2V
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
I
OUT [A]
V
IN=VEN=3.6V, IOUT=from 10mA to 700mA, VOUT=1.8V
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
I
OUT [A]
V
IN=VEN=3.6V, IOUT=from 10mA to 700mA, VOUT=1.8V
0
10
20
30
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
IOUT=100mA
IOUT=700mA
V
IN=VEN=3.6V, VOUT=1.8V
0
10
20
30
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
IOUT=100mA
IOUT=700mA
V
IN=VEN=3.6V, VOUT=1.8V


同様の部品番号 - ST1S12XX12

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST1S12XX12 STMICROELECTRONICS-ST1S12XX12 Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
More results

同様の説明 - ST1S12XX12

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST1S12XX STMICROELECTRONICS-ST1S12XX Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
   Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
L5980 STMICROELECTRONICS-L5980_08 Datasheet
1Mb / 37P
   0.7 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com