データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4705 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA4705
部品情報  15 W 2-channel BTL AF Power Amplifier for Car Stereos
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4705 データシート(HTML) 1 Page - Sanyo Semicon Device

  LA4705 Datasheet HTML 1Page - Sanyo Semicon Device LA4705 Datasheet HTML 2Page - Sanyo Semicon Device LA4705 Datasheet HTML 3Page - Sanyo Semicon Device LA4705 Datasheet HTML 4Page - Sanyo Semicon Device LA4705 Datasheet HTML 5Page - Sanyo Semicon Device LA4705 Datasheet HTML 6Page - Sanyo Semicon Device LA4705 Datasheet HTML 7Page - Sanyo Semicon Device LA4705 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
15 W 2-channel BTL AF Power Amplifier
for Car Stereos
Overview
The LA4705 is a BTL two-channel power IC for car audio and
radio-cassette players developed in pursuit of excellent sound
quality. Low-region frequency characteristics have been
improved through the use of a new NF capacitorless circuit,
and crosstalk which causes ‘‘muddy’’ sound has been reduced
by improving both circuit and pattern layout. As a result, the
LA4705 provides powerful bass and clear treble. In addition,
the LA4705 features on-chip protectors and standby switch.
Features
.
High power: supports total output of 25 W + 25 W
(VCC = 14.4 V, THD = 30%, RL =4 Ω)
.
Less pop noise
.
Designed for excellent sound quality
(fL < 10 Hz, fH = 130 kHz)
.
Any on time settable by external capacitor
.
Standby switch circuit on chip (microprocessor supported)
.
Various protectors on chip
(output-to-ground short/output-to-VCC short/
load short/overvoltage/thermal shutdown circuit)
.
NF capacitorless
.
Supports RL =2 Ω
Package Dimensions
unit: mm
3109-SIP18H
[LA4705]
SANYO : SIP18H
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max 1
No signal,t=60s
24
V
VCC max 2
With signal
18
V
Surge supply voltage
VCC surge
t
% 0.2 s, single giant pulse
50
V
Allowable power dissipation
Pd max
Arbitrarily large heat sink
37.5
W
Operating temperature
Topr
–35 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
* Set VCC,RL in a range that does not exceed Pd max = 37.5 W
Ordering number: EN3848D
Monolithic Linear IC
LA4705
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
D3096HA(II)/12693TS/4152TS No.3848-1/8


同様の部品番号 - LA4705

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4700 SANYO-LA4700 Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results

同様の説明 - LA4705

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
LA4728 SANYO-LA4728 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA4905 SANYO-LA4905 Datasheet
549Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com