データシートサーチシステム |
|
LA5318V データシート(PDF) 1 Page - Sanyo Semicon Device |
|
LA5318V データシート(HTML) 1 Page - Sanyo Semicon Device |
1 / 4 page Overview The LA5318V is a variable voltage-dividing voltage generator IC designed for driving LCD matrixes that require multiple voltages. Package Dimensions unit: mm 3179A-SSOP20 Monolithic Linear IC Ordering number : EN5670 82097HA(OT) No. 5670-1/4 SANYO: SSOP20 [LA5318V] SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN Voltage-Dividing Voltage Generator for Multi-Voltage LCD Matrix Drive LA5318V Parameter Symbol Conditions Ratings Unit Maximum supply voltage VEE max VCC – VEE 36 V Maximum output current IOUT max V1 to V4 Internal* mA Allowable power dissipation Pd max 330 mW Operating temperature Topr –20 to +75 °C Storage temperature Tstg –30 to +125 °C Specifications Absolute Maximum Ratings at Ta = 25°C Parameter Symbol Conditions Ratings Unit Supply voltage VEE VCC – VEE –35.5 to –6 V Input voltage VREF VCC – VREF: VREF ≥ VEE –35 to –6 V Input current IINR INR –0.2 to 0 mA IOUTR OUTR 0 to 50 mA Output current IOUT1, 2 V1, V2 –5 to +5 mA IOUT3,4 V3, V4 –10 to +5 mA Operating Conditions at Ta = 25°C Notes: *The value stipulated in the conditions listed in the separate document shall be used as the maximum output current. 1. Continuous operation (without damage to the device) is guaranteed in the above ranges. 2. The output pins V1 to V4 may be shorted to the power supply or to ground for periods of up to 1 ms. (When |VCC – VEE| < 35 V) Note: VCC and VEE must be set up so that |V1| and |VEE – V4| are at least 1 V. Ambient temperature, Ta – °C |
同様の部品番号 - LA5318V |
|
同様の説明 - LA5318V |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |