データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC1G02_1012 データシート(PDF) 4 Page - Diodes Incorporated

部品番号 74LVC1G02_1012
部品情報  SINGLE 2 INPUT POSITIVE NOR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G02_1012 データシート(HTML) 4 Page - Diodes Incorporated

  74LVC1G02_1012 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G02_1012 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G02_1012 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G02_1012 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G02_1012 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G02_1012 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G02_1012 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G02_1012 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G02_1012 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVC1G02
SINGLE 2 INPUT POSITIVE NOR GATE
74LVC1G02
Document number: DS32197 Rev. 2 - 2
4 of 14
www.diodes.com
October 2010
© Diodes Incorporated
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data retention only
1.5
V
VIH
High-level Input Voltage
VCC = 1.65V to 1.95V
0.65 X VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 3V to 3.6V
2
VCC = 4.5V to 5.5V
0.7 X VCC
VIL
Low-level input voltage
VCC = 1.65V to 1.95V
0.35 X VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 3V to 3.6 V
0.8
VCC = 4.5V to 5.5V
0.3 X VCC
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65V
-4
mA
VCC = 2.3V
-8
VCC = 3V
-16
-24
VCC = 4.5V
-32
IOL
Low-level output current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 3V
16
24
VCC = 4.5V
32
Δt/ΔV
Input transition rise or fall
rate
VCC = 1.8V ± 0.15V, 2.5V ± 0.2V
20
ns/V
VCC = 3.3V ± 0.3V
10
VCC = 5V ± 0.5V
5
TA
Operating free-air
temperature
-40
85
ºC
Notes:
4. Unused inputs should be held at Vcc or Ground.


同様の部品番号 - 74LVC1G02_1012

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
logo
NXP Semiconductors
74LVC1G02GF NXP-74LVC1G02GF Datasheet
87Kb / 14P
   Single 2-input NOR gate
Rev. 07-18 July 2007
74LVC1G02GM PHILIPS-74LVC1G02GM Datasheet
85Kb / 14P
   Single 2-input NOR gate
2004 Sep 07
74LVC1G02GM NXP-74LVC1G02GM Datasheet
87Kb / 14P
   Single 2-input NOR gate
Rev. 07-18 July 2007
logo
Nexperia B.V. All right...
74LVC1G02GM NEXPERIA-74LVC1G02GM Datasheet
255Kb / 16P
   Single 2-input NOR gate
Rev. 15 - 8 February 2022
More results

同様の説明 - 74LVC1G02_1012

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com