データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC1415S065 データシート(PDF) 28 Page - NXP Semiconductors

部品番号 ADC1415S065
部品情報  Single 14-bit ADC 65, 80, 105 or 125 Msps with Input Buffer CMOS or LVDS DDR digital outputs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1415S065 データシート(HTML) 28 Page - NXP Semiconductors

Back Button ADC1415S065 Datasheet HTML 24Page - NXP Semiconductors ADC1415S065 Datasheet HTML 25Page - NXP Semiconductors ADC1415S065 Datasheet HTML 26Page - NXP Semiconductors ADC1415S065 Datasheet HTML 27Page - NXP Semiconductors ADC1415S065 Datasheet HTML 28Page - NXP Semiconductors ADC1415S065 Datasheet HTML 29Page - NXP Semiconductors ADC1415S065 Datasheet HTML 30Page - NXP Semiconductors ADC1415S065 Datasheet HTML 31Page - NXP Semiconductors ADC1415S065 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
ADC1415S065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
28 of 33
NXP Semiconductors
ADC1415S065/080/105/125
Single 14-bit ADC 65, 80, 105 or 125 Msps with input buffer
Table 28.
CMOS output register (address 0020h) bit description
Bit
Symbol
Access
Value
Description
7 to 4 reserved
3 to 2 DAV_DRV
R/W
drive strength for DAV CMOS output buffer
00
low
01
medium
10
high
11
very high
1 to 0 DATA_DRV
R/W
drive strength for DATA CMOS output buffer
00
low
01
medium
10
high
11
very high
Table 29.
LVDS DDR output register 1 (address 0021h) bit description
Bit
Symbol
Access
Value
Description
7 to 6
5
DAVI_x2_EN
R/W
double LVDS current for DAV LVDS buffer
0
disabled
1
enabled
4 to 3 DAVI
R/W
LVDS current for DAV LVDS buffer
00
3.5 mA
01
4.5 mA
10
1.25 mA
11
2.5 mA
2
DATAI_x2_EN
R/W
double LVDS current for DATA LVDS buffer
0
disabled
1
enabled
1 to 0 DATAI
R/W
LVDS current for DATA LVDS buffer
00
3.5 mA
01
4.5 mA
10
1.25 mA
11
2.5 mA
Table 30.
LVDS DDR output register 2 (address 0022h) bit description
Bit
Symbol
Access
Value Description
7 to 4 reserved
3
BIT/BYTE_WISE R/W
DDR mode for LVDS output
0
bit wise (even data bits output on DAV rising edge /
odd data bits output on DAV falling edge)
1
byte wise (MSB data bits output on DAV rising
edge / LSB data bits output on DAV falling edge)


同様の部品番号 - ADC1415S065

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
ADC1415S065HN PHILIPS-ADC1415S065HN Datasheet
304Kb / 42P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Mspswith input buffer; CMOS or LVDS DDR digital outputs
Rev. 4-17 December 2010
logo
Integrated Device Techn...
ADC1415S065HN-C1 IDT-ADC1415S065HN-C1 Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1415S065HN/C1 NXP-ADC1415S065HN/C1 Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results

同様の説明 - ADC1415S065

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1415S PHILIPS-ADC1415S_10 Datasheet
304Kb / 42P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Mspswith input buffer; CMOS or LVDS DDR digital outputs
Rev. 4-17 December 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com