データシートサーチシステム |
|
6XF2006-S3 データシート(PDF) 1 Page - XFMRS Inc. |
|
6XF2006-S3 データシート(HTML) 1 Page - XFMRS Inc. |
1 / 4 page XFMRS XFMRS, INC. 1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067 XFMRS XFSMD3 SERIES INDUCTORS • TRUE SURFACE MOUNT DESIGN • ECONOMICAL, LOW COST SOLUTION TO YOUR POWER REQUIREMENTS • CUSTOM VERSIONS AVAILABLE AT NO EXTRA COST • TAPE AND REEL PACKAGING AVAILABLE • LOW LOSS MPP CORE OR POWDERED IRON VERSIONS, BOTH STANDARD • VERSATILE DUAL WINDING DESIGN, USE AS HIGH CURRENT CHOKE OR ONE (1) TO ONE (1) TRANSFORMER • CONSTANT INDUCTANCE UP TO 1.0 MHz 6XF4709-S3 6XF6809-S3 6XF0016-S3 6XF0026-S3 6XF0056-S3 6XF0086-S3 6XF0106-S3 6XF0156-S3 6XF0206-S3 6XF0256-S3 6XF0336-S3 6XF0506-S3 6XF0686-S3 6XF1006-S3 6XF1506-S3 6XF2006-S3 6XF3006-S3 7XF4709-S3 7XF6809-S3 7XF0016-S3 7XF0026-S3 7XF0056-S3 7XF0086-S3 7XF0106-S3 7XF0156-S3 7XF0206-S3 7XF0256-S3 7XF0336-S3 7XF0506-S3 7XF0686-S3 7XF1006-S3 7XF1506-S3 7XF2006-S3 7XF3006-S3 PART NUMBER INDUCTANCE µH CURRENT ADC DCR OHMS .42 .75 1.18 2.30 4.70 7.94 10.58 15.23 20.73 24.86 31.77 51.18 67.87 99.45 147.39 198.58 300.80 .44 .78 1.23 1.76 4.90 8.28 9.60 14.16 19.60 25.92 33.12 50.18 67.08 99.23 148.23 200.70 298.12 6.50 5.50 4.60 4.50 3.00 2.60 2.50 1.70 1.30 1.00 1.40 .92 .78 .63 .43 .39 .38 7.00 6.00 5.00 5.90 4.40 3.50 3.40 3.00 2.10 2.00 1.80 1.50 1.20 .92 .82 .64 .62 .005 .006 .008 .010 .021 .027 .032 .059 .107 .117 .106 .210 .304 .458 .561 .796 1.233 .004 .005 .006 .007 .014 .019 .020 .024 .055 .064 .072 .111 .158 .303 .372 .545 .672 INDUCTANCE µH CURRENT ADC DCR OHMS 1.69 3.01 4.70 9.21 18.80 31.77 42.30 60.91 82.91 99.45 127.09 204.73 271.47 397.81 589.57 794.30 1203.20 1.76 3.14 4.90 7.06 19.60 33.12 38.42 56.64 78.40 103.68 132.50 200.70 268.32 396.90 592.90 802.82 1192.46 .019 .024 .029 .038 .084 .108 .125 .237 .427 .466 .421 .839 1.214 1.829 2.242 3.184 4.929 .016 .020 .024 .028 .056 .073 .079 .096 .220 .254 .288 .444 .630 1.210 1.488 2.180 2.687 3.25 2.75 2.30 2.25 1.50 1.30 1.25 .85 .65 .50 .70 .46 .39 .32 .22 .20 .19 3.50 3.00 2.50 2.95 2.20 1.75 1.70 1.50 1.05 1.00 .90 .75 .60 .46 .41 .32 .31 (ALL IN INCHES) A B C MAX .350 .450 .460 .550 .235 .275 SERIES RATINGS PARALLEL RATINGS |
同様の部品番号 - 6XF2006-S3 |
|
同様の説明 - 6XF2006-S3 |