データシートサーチシステム |
|
ISL28006FHADJZ-T7 データシート(PDF) 4 Page - Intersil Corporation |
|
ISL28006FHADJZ-T7 データシート(HTML) 4 Page - Intersil Corporation |
4 / 25 page ISL28006 4 FN6548.4 September 16, 2010 Absolute Maximum Ratings Thermal Information Max Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 28V Max Differential Input Current . . . . . . . . . . . . . . . . . 20mA Max Differential Input Voltage . . . . . . . . . . . . . . . . . .+0.5V Max Input Voltage (RS+, RS-, FB). . . . . . .GND - 0.5V to 30V Max Input Current for Input Voltage <GND - 0.5V . . . .±20mA Output Short-Circuit Duration . . . . . . . . . . . . . . . Indefinite Di-Electrically Isolated PR40 Process. . . . . . . . Latch-up free ESD Rating Human Body Model (Tested per JESD22-A114F) . . . . . 4kV Machine Model (Tested per EIA/JESD22-A115-A). . . . 200V Charged Device Model (Tested per JESD22-C101D) . . . 1.5kV Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 5 Ld SOT-23 (Notes 5, 6) . . . . . . . 190 90 6 Ld SOT-23 (Notes 5, 6) . . . . . . . 180 90 Maximum Storage Temperature Range . . . -65°C to +150°C Maximum Junction Temperature (TJMAX) . . . . . . . . . +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Recommended Operating Conditions Ambient Temperature Range (TA) . . . . . . . -40°C to +125°C CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 6. For θJC, the “case temp” location is taken at the package top center. Electrical Specifications VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization. PARAMETER DESCRIPTION CONDITIONS MIN (Note 7) TYP MAX (Note 7) UNIT VOS (Input Offset Voltage) Gain = 100 (Notes 8, 9) VCC = VRS+ = 12V, VSENSE =20mV to 100mV -250 60 250 µV -300 300 µV VCC = 12V, VRS+ = 0.2V, VSENSE = 20mV to 100mV -2.5 -1.2 2.5 mV -2.8 2.8 mV Gain = 50, Gain = 20 (Notes 8, 9) VCC = VRS+ = 12V, VSENSE =20mV to 100mV -300 60 300 µV -450 450 µV VCC = 12V, VRS+ = 0.2V, VSENSE = 20mV to 100mV -2.8 -1.2 2.8 mV -3.2 3.2 mV Adjustable, Gain = 21 Rf = 100kΩ, Rg = 5kΩ (Notes 8, 9) VCC = VRS+ = 12V, VSENSE =20mV to 100mV -300 60 300 µV -450 450 µV VCC = 12V, VRS+ = 0.2V, VSENSE = 20mV to 100mV -3.1 -1.2 3.1 mV -3.4 3.4 mV IRS+, IRS - Leakage Current VCC = 0V, VRS+ = 28V 0.041 1.2 µA 1.5 µA |
同様の部品番号 - ISL28006FHADJZ-T7 |
|
同様の説明 - ISL28006FHADJZ-T7 |