データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si1143-A10-GM データシート(PDF) 10 Page - Silicon Laboratories

部品番号 Si1143-A10-GM
部品情報  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1143-A10-GM データシート(HTML) 10 Page - Silicon Laboratories

Back Button Si1143-A10-GM Datasheet HTML 6Page - Silicon Laboratories Si1143-A10-GM Datasheet HTML 7Page - Silicon Laboratories Si1143-A10-GM Datasheet HTML 8Page - Silicon Laboratories Si1143-A10-GM Datasheet HTML 9Page - Silicon Laboratories Si1143-A10-GM Datasheet HTML 10Page - Silicon Laboratories Si1143-A10-GM Datasheet HTML 11Page - Silicon Laboratories Si1143-A10-GM Datasheet HTML 12Page - Silicon Laboratories Si1143-A10-GM Datasheet HTML 13Page - Silicon Laboratories Si1143-A10-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Si1141/42/43
10
Preliminary Rev. 0.5
2.3. Ambient Light
The Si1141/42/43 has photodiodes capable of measuring both visible and infrared light. However, the visible
photodiode is also influenced by infrared light. The measurement of illuminance requires the same spectral
response as the human eye. If an accurate lux measurement is desired, the extra IR response of the visible-light
photodiode must be compensated. Therefore, to allow the host to make corrections to the infrared light’s influence,
the Si1141/42/43 reports the infrared light measurement on a separate channel. The separate visible and IR
photodiodes lend themselves to a variety of algorithmic solutions. The host can then take these two measurements
and run an algorithm to derive an equivalent lux level as perceived by a human eye. Having the IR correction
algorithm running in the host allows for the most flexibility in adjusting for system-dependent variables. For
example, if the glass used in the system blocks visible light more than infrared light, the IR correction needs to be
adjusted.
If the host is not making any infrared corrections, the infrared measurement can be turned off in the CHLIST
parameter.
By default, the measurement parameters are optimized for indoor ambient light levels where it is possible to detect
light levels as low as 6 lx. For operation under direct sunlight, the ADC can be programmed to operate in a high
signal operation so that it is possible to measure direct sunlight without overflowing the 16-bit result.
For low-light applications, it is possible to increase the ADC integration time. Normally, the integration time is
25.6 µs. By increasing this integration time to 410 µs, the ADC can detect light levels as low as 1 lx. The ADC can
be programmed with an integration time as high as 52.4 ms, allowing measurement to 10 mlx light levels. The ADC
integration time for the Visible Light Ambient measurement can be programmed independently of the ADC
integration time of the Infrared Light Ambient measurement. The independent ADC parameters allow operation
under glass covers having a higher transmittance to Infrared Light than Visible Light.
When operating in the lower signal range, or when the integration time is increased, it is possible to saturate the
ADC when the ambient light suddenly increases. Any overflow condition is reported in the RESPONSE register,
and the corresponding data registers report a value of 0xFFFF. Based on either of these two overflow indicators,
the host can adjust the ADC sensitivity. However, the overflow condition is not sticky. If the light levels return to a
range within the capabilities of the ADC, the corresponding data registers begin to operate normally. The
RESPONSE register will continue to hold the overflow condition until a NOP command is received. Even if the
RESPONSE register has an overflow condition, commands are still accepted and processed.
The Si1141/42/43 can initiate ALS measurements either when explicitly commanded by the host or periodically
through an autonomous process. Refer to "3. Operational Modes" on page 14 for additional details of the Si1141/
42/43's Operational Modes. The conversion frequency setting is programmable and independent of the Proximity
Sensor. This allows the Proximity Sensor and Ambient Light sensor to operate at different conversion rates,
increasing host control over the Si1141/42/43.
When operating autonomously, the ALS has a slightly different interrupt structure compared to the Proximity
Sensor. An interrupt can be generated to the host on every sample, or when the ambient light has changed.
The “Ambient Light Changed” interrupt is accomplished through two thresholds working together to implement a
window. As long as the ambient light stays within the window defined by the two thresholds, the host is not
interrupted. When the ambient light changes and either threshold is crossed, an interrupt is sent to the host,
thereby allowing the host notification that the ambient light has changed. This can be used by the host to trigger a
recalculation of the lux values.
The window can be applied to either the Visible Ambient Measurement, or the Infrared Ambient Measurement, but
not both. However, monitoring the ambient change in either channel should allow notification that the ambient light
level has changed.


同様の部品番号 - Si1143-A10-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI1143-A11-GMR SILABS-SI1143-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1143-A11-YM0R SILABS-SI1143-A11-YM0R Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
More results

同様の説明 - Si1143-A10-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com