データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11824 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LB11824
部品情報  Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11824 データシート(HTML) 2 Page - Sanyo Semicon Device

  LB11824 Datasheet HTML 1Page - Sanyo Semicon Device LB11824 Datasheet HTML 2Page - Sanyo Semicon Device LB11824 Datasheet HTML 3Page - Sanyo Semicon Device LB11824 Datasheet HTML 4Page - Sanyo Semicon Device LB11824 Datasheet HTML 5Page - Sanyo Semicon Device LB11824 Datasheet HTML 6Page - Sanyo Semicon Device LB11824 Datasheet HTML 7Page - Sanyo Semicon Device LB11824 Datasheet HTML 8Page - Sanyo Semicon Device LB11824 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
No. 7107-2/17
LB11824M
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Allowable power dissipation
Pd max
Independent IC
0.9
W
Operating temperature
Topr
–20 to +100
°C
Storage temperature
Tstg
–55 to +150
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current 1
ICC1-1
15
20
mA
Supply current 2
ICC1-2
Stop mode
2.5
4
mA
Output block
Output voltage 1-1
VOUT1-1
Low level IO = 400 µA
0.1
0.3
V
Output voltage 1-2
VOUT1-2
Low level IO = 10 mA
0.8
1.1
V
Output voltage 2
VOUT2
High level IO = –20 mA
VCC1 – 1.1
VCC1 – 0.9
V
Temperature coefficient 1-1
∆VOUT1-1 Design target value*, Low level IO = 400 µA
0.2
mV/°C
Temperature coefficient 1-2
∆VOUT1-2 Design target value*, Low level IO = 10 mA
–1.5
mV/°C
Temperature coefficient 2
∆VOUT2 Design target value*, High level IO = –20 mA
1.5
mV/°C
12 V Regulator-voltage output (12REG pin)
Output voltage
V12REG
VCC3 = 15 V, IO = –30 mA
11.7
12.1
12.6
V
Voltage regulation
∆12VREG1 VCC3 = 13.5 to 19 V, IO = –30 mA
150
300
mV
Load regulation
∆12VREG2 IO = –5 to –45 mA, VCC3 = 15 V
100
200
mV
Temperature coefficient
∆12VREG3 Design target value*
2
mV/°C
5 V Regulator-voltage output (VREG pin)
Output voltage
VREG
4.7
5.0
5.3
V
Voltage regulation
∆VREG1 VCC1 = 8 to 13.5 V
40
100
mV
Load regulation
∆VREG2 IO = –5 to –20 mA
5
30
mV
Temperature coefficient
∆VREG3 Design target value*
0
mV/°C
Electrical Characteristics at Ta = 25°C, VCC1 = 12 V, VCC2 = VREG
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1-1
VCC1-1
VCC1 pin
8 to 13.5
V
Supply voltage range 1-2
VCC1-2
VCC1 pin, with VCC1-VREG short-circuited
4.5 to 5.5
V
Supply voltage range 2
VCC2
VCC2 pin
4.5 to VCC1
V
Supply voltage range 3
VCC3
VCC3 pin
13.5 to 19
V
Output curent
IO
Pins UL, VL, WL, UH, VH, WH
30
mA
12V constant-voltage output current
I12REG
–50
mA
5V constant-voltage output current
IREG
–20
mA
HP pin applied voltage
VHP
0 to 13.5
V
HP pin output current
IHP
0 to 10
mA
Allowable Operating Range at Ta = 25°C
Continued on next page.
Note*: These items are design target values and are not tested.


同様の部品番号 - LB11824

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11820 SANYO-LB11820 Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11825M SANYO-LB11825M Datasheet
250Kb / 8P
   LB11825M
More results

同様の説明 - LB11824

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com