データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1001FL データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 ES1001FL
部品情報  SMALL SURFACE MOUNT SUPER FAST DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1001FL データシート(HTML) 1 Page - Pan Jit International Inc.

  ES1001FL Datasheet HTML 1Page - Pan Jit International Inc. ES1001FL Datasheet HTML 2Page - Pan Jit International Inc. ES1001FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
July 06.2010-REV.04
ES1001FL~ES1006FL
FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass Passivated
• High temperature soldering : 260oC / 10 seconds at terminals
• In compliance with EU RoHS 2002/95/EC directives
SMALL SURFACE MOUNT SUPER FAST DIODES
VOLTAGE
100 to 600 Volts
1.0 Amperes
CURRENT
ABSOLUTE RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
MECHANICAL DATA
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: 0.0006 ounce, 0.0172 gram
• Polarity : Color band cathode
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Test condition
Symbol
ES1001FL
ES1002FL
ES1004FL
ES1006FL
Units
Marking Code
-
E1B
E1D
E1G
E1J
-
Maximum repetitve peak reverse voltage
VRRM
100
200
400
600
V
Maximum RMS voltage
VRMS
70
140
280
420
V
Maximum DC blocking voltage
VDC
100
200
400
600
V
Maximum average forward current
TL=120OCI F(AV)1
A
Peak forward surge current 8.3ms single half sine-wave
TL=25OCI FSM
30
A
Maximum instantaneous forward voltage
1.0A
VF
0.95
1.25
1.7
V
Maximum DC reverse current at rated DC blocking
voltage
TJ=25OC
TJ=100OC
I R
0.5
10
μA
Reverse recovery time
I F=0.5A
I R=1A
I RR=0.25A
TRR
35
ns
Typical capacitance
4V,1MHz
CJ
7pF
Parameter
Symbol
ES1001FL
ES1002FL
ES1004FL
ES1006FL
Units
Thermal resistance junction to ambient air
R θ
JA
R θ
JC
165
20
OC/W
Operating junction and storage temperature range
T
J ,TSTG
-55 to +150
OC
1
2
Cathode
Anode


同様の部品番号 - ES1001FL

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
ES1001FL PANJIT-ES1001FL Datasheet
119Kb / 3P
   SMALL SURFACE MOUNT ULTRAFAST DIODES
logo
SUNMATE electronic Co.,...
ES1001FL SUNMATE-ES1001FL Datasheet
325Kb / 2P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Zibo Seno Electronic En...
ES1001FL ZSELEC-ES1001FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
SAMYANG ELECTRONICS CO....
ES1001FL SAMYANG-ES1001FL Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
ES1001FL DAESAN-ES1001FL Datasheet
385Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
More results

同様の説明 - ES1001FL

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
ES1001FL-AU PANJIT-ES1001FL-AU Datasheet
201Kb / 5P
   SMALL SURFACE MOUNT SUPER FAST DIODES
US1001FL PANJIT-US1001FL_10 Datasheet
82Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
RS1001FL PANJIT-RS1001FL Datasheet
110Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
US1008FL-AU PANJIT-US1008FL-AU Datasheet
134Kb / 5P
   SMALL SURFACE MOUNT FAST DIODES
RS1001FL PANJIT-RS1001FL_10 Datasheet
184Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
logo
SUNMATE electronic Co.,...
ES1001FL SUNMATE-ES1001FL Datasheet
325Kb / 2P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL Datasheet
126Kb / 3P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
SUNMATE electronic Co.,...
UH1B SUNMATE-UH1B Datasheet
337Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER1AA SUNMATE-ER1AA Datasheet
429Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2A SUNMATE-ER2A Datasheet
335Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com