データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB120 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 SB120
部品情報  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB120 データシート(HTML) 1 Page - Pan Jit International Inc.

  SB120_09 Datasheet HTML 1Page - Pan Jit International Inc. SB120_09 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-MAR.18.2009
1
SB120~SB160
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
and polarity protection applications .
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: DO-41 Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode
• Mounting Position: Any
• Weight: 0.0118 ounces, 0.336grams
SCHOTTKY BARRIER RECTIFIERS
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
VOLTAGE
20 to 60 Volts
1.0 Amperes
CURRENT
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
2
1
B
S0
3
1
B
S0
4
1
B
S0
5
1
B
S0
6
1
B
SS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
20
30
40
50
6V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
4
11
28
25
32
4V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV
C
D
0
20
30
40
50
6V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
)
1
e
r
u
g
i
F
e
e
S
(
h
t
g
n
e
l
d
a
e
l
I
(
F)
V
A
0
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
3A
A
0
.
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV
F
5
.
07
.
0V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
0
0
1
=
O C
I
R
2
.
0
0
1
1
.
0
0
1
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
Rθ
A
J
0
5
O
W
/
C
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J T
,
G
T
S
5
2
1
+
o
t
5
5
-0
5
1
+
o
t
5
5
-
O C


同様の部品番号 - SB120_09

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SB120 VISHAY-SB120_09 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
More results

同様の説明 - SB120_09

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com