データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC321664AJ データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC321664AJ
部品情報  1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC321664AJ データシート(HTML) 5 Page - Sanyo Semicon Device

  LC321664AJ Datasheet HTML 1Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 2Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 3Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 4Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 5Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 6Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 7Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 8Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LC321664AJ, AM, AT-80
No. 4795-5/30
AC Electrical Characteristics at Ta = 0 to +70°C, VCC = 5 V ± 10% (Note 6, 7, 8)
Parameter
Symbol
min
max
Unit
Note
Random read or
tRC
135
ns
write cycle time
Read-write/read-modify-write
tRWC
180
ns
cycle time
Fast page mode cycle time
tPC
55
ns
Fast page mode
Read-write/read-modify-
tPRWC
100
ns
write cycle time
RAS access time
tRAC
80
ns
9, 14
15
CAS access time
tCAC
30
ns
9, 14
Column address access time
tAA
45
ns
9, 15
CAS precharge access time
tCPA
50
ns
9
Output low-impedance
tCLZ
0
ns
9
time from CAS low
Output buffer turn-off delay time
tOFF
0
20
ns
10
Rise or fall time
tT
3
50
ns
RAS precharge time
tRP
45
ns
RAS pulse width
tRAS
80
10000
ns
RAS pulse width for
tRASP
80
100000
ns
fast page mode only
RAS hold time
tRSH
30
ns
CAS hold time
tCSH
80
ns
CAS pulse width
tCAS
30
10000
ns
RAS to CAS delay time
tRCD
25
50
ns
14
RAS to column address delay time
tRAD
17
35
ns
15
CAS to RAS precharge time
tCRP
10
ns
CAS precharge time
tCP
10
ns
Row address setup time
tASR
0
ns
Row address hold time
tRAH
12
ns
Column address setup time
tASC
0
ns
Column address hold time
tCAH
20
ns
Column address hold time
tAR
60
ns
referenced to RAS
Column address to RAS lead time
tRAL
45
ns
Read command setup time
tRCS
0
ns
Read command hold time
tRCH
0
ns
11
referenced to CAS
Read command hold time
tRRH
0
ns
11
referenced to RAS
Write command hold time
tWCH
15
ns
Write command hold time
tWCR
60
ns
referenced to RAS
Write command pulse width
tWP
15
ns
Continued on next page.


同様の部品番号 - LC321664AJ

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BM SANYO-LC321664BM Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-70 SANYO-LC321664BT-70 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-80 SANYO-LC321664BT-80 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
More results

同様の説明 - LC321664AJ

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
LC322271J SANYO-LC322271J Datasheet
1Mb / 29P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
logo
Micron Technology
MT4C4005 MICRON-MT4C4005 Datasheet
859Kb / 12P
   1 MEG x 4 DRAM FAST PAGE MODE WRITE-PER-BIT
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C1004J AUSTIN-MT4C1004J Datasheet
121Kb / 14P
   4 MEG x 1 DRAM FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com