データシートサーチシステム |
|
LC33832ML-70 データシート(PDF) 3 Page - Sanyo Semicon Device |
|
LC33832ML-70 データシート(HTML) 3 Page - Sanyo Semicon Device |
3 / 9 page LC33832P, S, M, PL, SL, ML-70/80/10 No. 4430-3/9 Pin Assignment Pin Functions A0 to A14 Address input WE Read/Write input OE/RFSH Output-enable input/ refresh input CE Chip-enable input I/O1 to I/O8 Data input/output VCC Power supply GND Ground Functional Logic CE OE WE A0 to A7 A8 to I/O1 State /RFSH A14 to I/O8 H H X X X HZ Standby L L H VX VX OUT Read L H L VX VX IN Write L H H VX X HZ CE-only refresh H L X X X HZ Self-refresh H NP X X X HZ Auto-refresh H ...................High-level input of VIN = 6.5 V to VIH (min) L ....................Low-level input of VIN = VIL (max) to –1.0 V X....................High- or low-level input NP.................Negative-polarity pulse input VX.................“IN” when CE = L is confirmed, then “X” HZ.................High impedance IN ..................Input state OUT..............Output state |
同様の部品番号 - LC33832ML-70 |
|
同様の説明 - LC33832ML-70 |