データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34704BEP データシート(PDF) 11 Page - Freescale Semiconductor, Inc

部品番号 MC34704BEP
部品情報  Multiple Channel DC-DC Power Management IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34704BEP データシート(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34704BEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34704BEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34704BEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34704BEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34704BEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34704BEP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34704BEP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34704BEP Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34704BEP Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34704
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
REGULATOR 4
Output Voltage Range
VOUT
0.6
1.8
3.6
V
Output Accuracy
-
-2.0
-
2.0
%
Line/Load Regulation(13)
REGLN/LD
-1.0
-
1.0
%
Feedback Reference Voltage
VFB
-
0.600(14)
-
V
Dynamic Voltage Scaling Range
VDYN
-10
-
10
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
1.0
-
%
Continuous Output Current(13)
IOUT
-
100
300
mA
Over-current Limit (Detected in buck high side FET)
ILIM_ION
-
1.5
-
A
Short-circuit Current Limit (Detected in buck high side FET)
ISHORT_ION
-
2.25
-
A
Over-current Limit Accuracy
-
-20
-
20
%
N-CH Buck Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
200
-
m
Ω
N-CH Buck Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
600
-
m
Ω
N-CH Boost Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
200
-
m
Ω
N-CH Boost Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
600
-
m
Ω
Discharge MOSFET RDS(ON)
RDS(ON)-DIS
-
70
-
Ω
Thermal Shutdown Threshold(13)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(13)
TSD-HYS
-
25
-
°C
PVIN4 Leakage Current (Off State) @25°C
IPVIN4_LKG
-
-
1.0
μA
SW4D Leakage Current (Off State) @25°C
ISW4D_LKG
-
-
1.0
μA
SW4U Leakage Current (Off State) @25°C
ISW4U_LKG
-
-
1.0
μA
REGULATOR 5
Output Voltage Range
VOUT
0.6
3.3
3.6
V
Output Accuracy
-
-2.0
-
2.0
%
Line/Load Regulation(13)
REGLN/LD
-1.0
-
1.0
%
Feedback Reference Voltage
VFB
-
0.600(14)
-
V
Dynamic Voltage Scaling Range
VDYN
-17.5
-
17.5
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
2.5
-
%
Continuous Output Current(13)
IOUT
-
150
500
mA
Over-current Limit (Detected in buck high side FET)
ILIM_ION
-
1.4
-
A
Short-circuit Current Limit (Detected in buck high side FET)
ISHORT_ION
-
2.1
-
A
Over-current Limit Accuracy
-
-20
-
20
%
N-CH Buck Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
120
-
m
Ω
N-CH Buck Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
1000
-
m
Ω
N-CH Boost Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
120
-
m
Ω
N-CH Boost Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
120
-
m
Ω
Discharge MOSFET RDS(ON)
RDS(ON)-DIS
-
70
-
Ω
Thermal Shutdown Threshold(13)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(13)
TSD-HYS
-
25
-
°C
Notes:
13.
Guaranteed by Design
14.
VFB is 0.6V when the part ist powered up and no DVS is changed. DVS is achieved by modifying VFB reference.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 2.7 V
≤ VIN ≤ 5.5 V, -20°C ≤ TA ≤ 85°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC34704BEP

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34704BEP FREESCALE-MC34704BEP Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704BEP/R2 FREESCALE-MC34704BEP/R2 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704BEPR2 FREESCALE-MC34704BEPR2 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
More results

同様の説明 - MC34704BEP

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
34704 FREESCALE-34704_09 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704 FREESCALE-MC34704 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
816Kb / 40P
   Digital-DC??Integrated Power Management and Conversion IC
February 23, 2011
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com