データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YSF-322+ データシート(PDF) 3 Page - Mini-Circuits

部品番号 YSF-322+
部品情報  Wideband Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-322+ データシート(HTML) 3 Page - Mini-Circuits

  YSF-322+ Datasheet HTML 1Page - Mini-Circuits YSF-322+ Datasheet HTML 2Page - Mini-Circuits YSF-322+ Datasheet HTML 3Page - Mini-Circuits YSF-322+ Datasheet HTML 4Page - Mini-Circuits YSF-322+ Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 3
Wideband Amplifier
Electrical Specifications(1) at 25°C, Zo=50
Ω unless noted
YSF-322+
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range
900
3200
MHz
Gain
900
18.6
20.4
22.4
dB
1700
17.8
19.8
22.0
2500
17.1
19.0
21.5
3200
14.4
16.0
18.6
Gain Flatness
± 2.2
dB
Input Return Loss
900
10.0
dB
1700
10.0
2500
10.0
15.0
3200
21.0
Output Return Loss
900
14.0
dB
1700
23.5
2500
12.0
17.0
3200
10.4
Reverse Isolation
30.0
dB
Output Power @1 dB compression
900
20.0
dBm
1700
20.0
2500
18.0
20.0
3200
20.0
Output Power @3 dB compression
21.0
dBm
Output IP3
900
36.0
dBm
1700
30.0
35.0
2500
35.0
3200
35.0
Noise Figure
900
3.5
dB
1700
3.0
4.0
2500
2.5
3200
2.5
Device Operating Voltage
5
V
Device Operating Current
118
145
mA
Device Current Variation vs. Temperature(2)
2
µA/°C
Device Current Variation vs Voltage
0.002
mA/mV
Thermal Resistance, junction-to-ground lead(3)
56
°C/W
Absolute Maximum Ratings
Parameter
Ratings
Units
Operating Temperature(4)
-40 to 85
°C
Storage Temperature
-65 to 150
°C
DC Voltage on Pad 4
7
V
Power Dissipation
1.5
W
Input Power
21
dBm
Note: Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation.
(4)
Case is defined as ground paddle.
(1)
Measured on Mini-Circuits Characterization test board TB-589+. See Characterization Test Circuit (Fig. 1)
(2)
D(+85°C to -45°C)
(3)
Thermal Resistance= Hot spot temperature - Ground lead temperature
Power Dissipation
DC Current Histogram
DC Current (mA)
USL
USL=Upper Spec Limit


同様の部品番号 - YSF-322+

メーカー部品番号データシート部品情報
logo
Mini-Circuits
YSF-382 MINI-YSF-382 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-382++ MINI-YSF-382+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
More results

同様の説明 - YSF-322+

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
   Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
logo
Texas Instruments
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
NXP Semiconductors
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
NXP Semiconductors
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com