データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YSF-232 データシート(PDF) 2 Page - Mini-Circuits

部品番号 YSF-232
部品情報  Flat Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-232 データシート(HTML) 2 Page - Mini-Circuits

  YSF-232 Datasheet HTML 1Page - Mini-Circuits YSF-232 Datasheet HTML 2Page - Mini-Circuits YSF-232 Datasheet HTML 3Page - Mini-Circuits YSF-232 Datasheet HTML 4Page - Mini-Circuits YSF-232 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 2
Product Features
• Matched 50-ohm surface mount amplifier
• High gain, 20 dB typ.
• Up to +20 dBm typ. output power
• High IP3, +35 dBm
• Low Noise Figure, 2.9 dB typ.
• High directivity, 30 dB isolation
• Internal Input & Output DC Block
• Separate terminal for DC
1.7-2.3 GHz
YSF-232+
CASE STYLE: DL1020
PRICE: $2.69 ea. QTY. (20)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Typical Applications
• Cellular
• WCDMA
• Portable Wireless
• Receivers & transmitters
• PCS-Korea
General Description
YSF-232+ is an advanced amplifier module in a Mini-Circuits System In Package
. This module is fully
matched to 50Ω in/out impedance and has built-in Input & Output DC block capacitors. It is enclosed in a
5 x 6 mm MCLP plastic package. The YSF-232+ uses E-PHEMT* technology enabling it to work with a
single positive supply voltage.
simplified schematic and pad description
Function
Pad
Number
Description
RF-IN
5
RF Input
RF-OUT
3
RF Output
DC
4
DC Supply
GND
Paddle
Connected to ground
NOT USED
1,2,6,7,8
No internal connection
*Enhancement mode Pseudomorphic High Electron Mobility Transistor
Mini-Circuits System In Package
Flat Gain Amplifier
8
NC
7
NC
6
NC
5
RF IN
NC
1
NC
2
RF OUT
3
DC IN
4
PADDLE
RF IN
RF OUT
DC
REV. OR
M128712
YSF-232+
101214


同様の部品番号 - YSF-232

メーカー部品番号データシート部品情報
logo
Mini-Circuits
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151++ MINI-YSF-2151+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272++ MINI-YSF-272+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
More results

同様の説明 - YSF-232

メーカー部品番号データシート部品情報
logo
Mini-Circuits
YSF-122 MINI-YSF-122 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-382 MINI-YSF-382 Datasheet
1Mb / 5P
   Flat Gain Amplifier
logo
Qorvo, Inc
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
   Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com