データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2574BN データシート(PDF) 4 Page - Micrel Semiconductor

部品番号 LM2574BN
部品情報  52kHz Simple 0.5A Buck Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2574BN データシート(HTML) 4 Page - Micrel Semiconductor

  LM2574BN Datasheet HTML 1Page - Micrel Semiconductor LM2574BN Datasheet HTML 2Page - Micrel Semiconductor LM2574BN Datasheet HTML 3Page - Micrel Semiconductor LM2574BN Datasheet HTML 4Page - Micrel Semiconductor LM2574BN Datasheet HTML 5Page - Micrel Semiconductor LM2574BN Datasheet HTML 6Page - Micrel Semiconductor LM2574BN Datasheet HTML 7Page - Micrel Semiconductor LM2574BN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM2574
Micrel, Inc.
M9999-072805
4
July 2005
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Device Parameters, Adjustable Regulator
IB
Feedback Bias Current
VOUT = 5V
50
100
nA
500
nA
Device Parameters, Fixed and Adjustable Regulators
fo
Oscillator Frequency
Note 8
47
52
58
kHz
42
63
kHz
VSAT
Saturation Voltage
IOUT = 0.5A(4)
0.8
1.2
V
1.4
V
DC
Max Duty Cycle (ON)
Note 5
93
98
%
ICL
Current Limit
Peak Current, tON ≤ 3µs(4)
0.7
1.0
1.6
A
0.65
1.8
IL
Output Leakage Current
VIN, Note 6, Output = 0V
2
mA
Note 6, Output = –1V
7.5
30
IQ
Quiescent Current
Note 6
5
10
mA
ISTBY
Standby Quiescent Current
ON/OFF Pin = 5V (OFF)
50
200
µA
θJA
Thermal Resistance
N Package, Junction to Ambient(7)
85
°C/W
On/Off Control, Fixed and Adjustable Regulators Test Circuit Figures 2, 3
VIH
ON/OFF Input Level
VOUT = 0V
2.2
1.4
V
2.4
V
VIL
ON/OFF Input Level
VOUT = 5V
1.2
1.0
V
0.8
V
IIH
ON/OFF Logic Current
ON/OFF = 5V (OFF)
4
30
µA
IIL
ON/OFF Logic Current
ON/OFF = 0V (ON)
0.01
10
µA
Notes:
4. Output (pin 2) sourcing current. No diode, inductor, or capacitor connected to input.
5. Feedback (pin 4) removed from output and connected to 0V.
6. Feedback (pin 4) removed from output and connected to 12V to force the output transistor OFF.
7. Junction-to-ambient thermal resistance with approximately 1 square inches of PC board copper surrounding the leads.
Test Circuit
VIN
PWR
GND
SIG
GND
ON/
OFF
OUT
FB
LM2574
(adjustable)
CIN
22µF
11DQ06
COUT
220µF
330µH
3.09k
1k
Figure 2. Adjustable Regulator Test Circuit
VIN
P W R
GND
SIG
GND
ON/
OFF
OUT
FB
LM2574–
3.3, 5, 12
CIN
22µF
11DQ06
COUT
220µF
330µH
Figure 3. Fixed Regulator Test Circuit


同様の部品番号 - LM2574BN

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
LM2574BN MICREL-LM2574BN Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574BN MICREL-LM2574BN Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
More results

同様の説明 - LM2574BN

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com