データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR1212DC5Y0-1A データシート(PDF) 2 Page - Lineage Power Corporation

部品番号 CAR1212DC5Y0-1A
部品情報  1200 Watt, 12V DC Input Front End
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1212DC5Y0-1A データシート(HTML) 2 Page - Lineage Power Corporation

  CAR1212DC5Y0-1A Datasheet HTML 1Page - Lineage Power Corporation CAR1212DC5Y0-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
by Lineage Power
www.LineagePower.com
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
EFFICIENCY CURVE:
OUTLINE DRAWING
PART NUMBER DEFINITION GUIDE:
CONNECTOR DRAWING:
Examples:
CAR1212DCB-Z01A
12V Front, 6 of 6 RoHS Compliant
CAR1212DCB5-Y01A
12V Front End, 5VSB 5 of 5 RoHS Compliant
CAR1212DC
11200 Watt, +12V DC Input Front End
5=5VSB
Options
Blank=Non-compliant
YO=5 of 6 Compliant
ZO=6 of 6 Compliant
RoHS
Rev.
CAR 12 12 DC B x xx -1A
Series
12=1200W
Output Current
12=12V
Output Voltage
DC= 48Vin
Front End
Type
B=Bezel
Faceplate
LED INDICATOR
TEST CONDITION
INP OK
DC OK
FAULT
MONITORING SIGNALS
FAULT
DC OK
INP OK
TEMP OK
1 NORMAL OPERATION
Green
Green
Off
Low
Low
Low
High
2 OUT OF INPUT RANGE
Off
Off
Red
High
High
High
High
3 OVP
Green
Off
Red
High
High
Low
High
4 OVER CURRENT
Green
Off
Red
High
High
Low
High
5 THERMO ALARM
Green
Green
Red
High
Low
Low
Low
Test condition # 2 had two modules plug in. One module running and the other module with no DC input
rev 100225
Output Connector: Molex 46437-1041
Pin Functions
Pin Function
Pin Functions
A1 VPROG
B5 Interrupt (/SMBALERT)
P1
+48Vdc
A2 PS_Present
B6 Iout Monitor
P2
-48Vdc Return
A3 OVP Test Point
B7 Vstb
P3
PE
A4 Fault Signal
B8 Module Enable (Short pin)
P4
+12Vout
A5 Remote Sense (+)
C1 Remote ON/OFF
P5
+12Vout
A6 Temp Warning
C2 SDA
P6
+12Vout
A7 N/C
C3 SCL
P7
Output Return
A8 Remote Sense (-)
C4 Vstb Return
P8
Output Return
B1 Write Protect
C5 I²C Address (A2)
P9
Output Return
B2 DC OK
C6 I²C Address (A1)
B3 INP OK
C7 I²C Address (A0)
B4 Signal Return
C8 I Share
All Dimensions in Inches (mm)
Tolerance: .XX = ± .02 in (.50 mm)
.XXX = ± .010 in (.254 mm)


同様の部品番号 - CAR1212DC5Y0-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR1212DCBX5Z01A LINEAGEPOWER-CAR1212DCBX5Z01A Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
CAR1212DCBXXZ01A LINEAGEPOWER-CAR1212DCBXXZ01A Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
More results

同様の説明 - CAR1212DC5Y0-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
logo
Power-One
SFP450-12BG POWER-ONE-SFP450-12BG Datasheet
823Kb / 9P
   AC-DC Front-End 12V Output, 450 Watts
SFP650-12BG POWER-ONE-SFP650-12BG Datasheet
441Kb / 9P
   AC-DC Front-End 12V Output, 650 Watts
SFP650-12BG POWER-ONE-SFP650-12BG_09 Datasheet
384Kb / 10P
   AC-DC Front-End 12V Output, 650 Watts
logo
Artesyn Technologies
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
   600 Watt Bulk Front End
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com