データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR1612FPBZ0-1A データシート(PDF) 2 Page - Lineage Power Corporation

部品番号 CAR1612FPBZ0-1A
部品情報  1600 Watt 12V Front End Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1612FPBZ0-1A データシート(HTML) 2 Page - Lineage Power Corporation

  CAR1612FPBZ0-1A Datasheet HTML 1Page - Lineage Power Corporation CAR1612FPBZ0-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
by Lineage Power
www.LineagePower.com
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
P: (972) 284-2000
2841 Dow Avenue
P: (714) 544-6665
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
F: (972) 284-2000
Tustin, CA 92780 USA F: (714) 838-4742
Shanghai, 201401 China
P: 021 6710 8910
rev 100603
EFFICIENCY CURVE:
OUTLINE DRAWING
CONNECTOR DRAWING:
P2
P3
P4
P5
P6
P7
D1 D2 D3 D4 D5 D6
C1 C2 C3 C4 C5 C6
B1 B2 B3 B4 B5 B6
A1 A2 A3 A4 A5 A6
P8
P1
PIN OUT INFORMATION
A1 VSB 3.3V
B4 PS Present
D1 V Prog
P4 Vout Return
A2 VSB 3.3V Return
B5 SDA
D2 OVP Test Point
P5 Vout
A3 Signal RTN
B6 SCL
D3 Remote On/Off
P6 Vout
A4 Write Protect
C1 I Share
D4 DC OK
P7 Vout
A5 Remote Sense (+)
C2 Not Connected
D5 AC OK
P8 Vout
A6 Remote Sense (-)
C3 Temp Warning
D6 Interrupt
B1 Fault
C4 I2C Address (A0)
P1 Vout Return
B2 I Monitor
C5 I2C Address (A1)
P2 Vout Return
B3 Enable (Short Pin)
C6 I2C Address (A2)
P3 Vout Return
PART NUMBER DEFINITION GUIDE:
B=Bezel Option
Blank=None
Options
Blank=Non-compliant
YO=5 of 6 Compliant
ZO=6 of 6 Compliant
RoHS
Rev.
CAR 16 12 F P x xx -1A
Series
16=1600W
Output Current
12=12V
Output Voltage
F=Front End
Type
P=Positive
Polarity
Example:
CAR1612FPBZ0-1A
1600W/12V Front End, Bezel, 6 of 6 RoHS
FCI Berg Pt # 51732-021 or equivalent
Suggested mating connector part # 51762-10802400ABLF (Right Angle Mounting)
CAR1612FP Series
1600 Watt +12V Front End Power Supply
88.5%
92.5%
93.4%
94.5%
92.4%
94.5%
94.0%
79%
81%
83%
85%
87%
89%
91%
93%
95%
10%
20%
40%
50%
60%
80%
100%
% of Load @ 230Vac
All Dimensions in Inches (mm)
Tolerance: .XX = ± .02 in (.50 mm)
.XXX = ± .010 in (.254 mm)


同様の部品番号 - CAR1612FPBZ0-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR1612FPBRXZ01A LINEAGEPOWER-CAR1612FPBRXZ01A Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
CAR1612FPBX5Z01A LINEAGEPOWER-CAR1612FPBX5Z01A Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
CAR1612FPBXXZ01A LINEAGEPOWER-CAR1612FPBXXZ01A Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
More results

同様の説明 - CAR1612FPBZ0-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
CAR1212DC LINEAGEPOWER-CAR1212DC Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
PFE1500-12-054XD BEL-PFE1500-12-054XD Datasheet
1Mb / 24P
   DC-DC FRONT END POWER SUPPLY
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com