データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR2548FPC-1A データシート(PDF) 1 Page - Lineage Power Corporation

部品番号 CAR2548FPC-1A
部品情報  2500 Watt 48V Front End Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548FPC-1A データシート(HTML) 1 Page - Lineage Power Corporation

  CAR2548FPC-1A Datasheet HTML 1Page - Lineage Power Corporation CAR2548FPC-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR2548FP Series
2500 Watt 48V Front End Power Supply
rev 100506
Leading Edge Power Density, 27W/in3 in 1U Form Factor
I2C Serial Bus and PMBus Interface
Full Features Status & Control (Current, Voltage, AC OK,
DC OK & Temperature OK),
Active Current Sharing (Single Wire)
Remote On/Off, Remote Sense, Voltage Program Circuits
Microprocessor Based Design Allows for Automatic Fan Speed Control
Optional Universal / 4-Bay 19” Rack Delivers 10kW of Power
KEY MARKET SEGMENTS & APPLICATIONS
Distributed Power
RF Amplifiers
High End Servers
ATE Equipment
High End Routers and Switchgear
Semiconductor Burn-in Equipment
SPECIFICATIONS
2500 Watt +48V Front End Power Supply
Input Voltage Range
90-264 VAC, 47-63 Hz
Input Current Maximum
16A @ 180VAC, Full Load (max)
Inrush Current
50A max. cold start (per ETS 300 132-1 and Bellcore specifications)
Input Protection
Dual Fused (Line & Neutral) 20 Amp / 250 VAC Type 3AB Axial
Power Factor
0.99 typical complies with IEC555, EN60555-2, EN61000-3-2
Efficiency
92% typical at 230 VAC Full Load Operation (including OR’ing Mosfets)
Output Power
2500W at High Line Operation (180-264 VAC), 1200W at Low Line Operation (90-132 VAC)
Output Voltage Range
+48 VDC (±10% with remote programming)
Output Current
52A @48V
Standby Bias Voltage
5VSB@1A, reference to Vout Return
Voltage Regulation
±2% of Vnom for any combination of line, load and temperature
Ouput Ripple & Noise
Complies with ETS300 132-2, 32dBnrc. Bandwidth: 25Hz - 20kHz. 2mVrms pk-pk with 0.1μF ceramic and 10μF
electrolytics caps at the output
Transient Response
5% max deviation Recovery time 300μs @ 50% load step and di/dt < 1A/μs
Switching Frequency
200kHz (input) / 400kHz (output)
Hold-Up Time
16.8msec (230 VAC full load)
Remote On/Off
ON if >3V or open; OFF if <1V (max. sink 1mA) Open collector type
Current Limit Protection
110-130% of Iout nominal
Short Circuit Protection
Self protected with auto recovery
Over Voltage Protection
-60 VDC max, latched. Reset condition by recycling AC input or toggling remote on/off
Operating Temperature
-10°C to +70°C. power derating above 50°C at 2.5% per °C
Over Temperature Protection
Non latching; protection active at 110°C internal temperature, restart at 95°C (typical)
EMI
FCC-B & EN55022-B with specified filter or at rack level, GR-1089-CORE
LED Indicators
Green = AC OK & DC OK, Red = Fault
Analog Status & Control
Voltage Programming (V Prog), Load sharing (I Share), Remote On/Off, Current Monitor (I Monitor),
Over temperature (Temp Warning), Fault, PS Present, Module Enable
Digital Status & Control
I2C Option and PMBus Option, see detailed specification for details
Shock & Vibration
IEC68-2-27, MIL-STD-810E, Telcordia GR-63-CORE
Dimensions
14.25 x 4.00 x 1.65” / 362 x 102 x 41.9mm
Weight
4.73lbs / 2.15kg
Safety Approvals
IEC/UL/CSA/EN60950-1, CE Mark (LVD), TUV
Options
I2C Interface, PMBus, Bezel, 5VSB Output
FEATURES
BENEFITS
High Power Density 27W/in3
More system space for application circuits and hardware
Load Sharing & Fault Tolerant
Excellent reliability in N+1 operation
Automatic Fan Speed Control
Reduces audible noise and increases reliability
System Scalability up to 10,000
Watts
Allows flexibility with minimum investment
Universal Input & International
Certifications
Reduces logistical costs


同様の部品番号 - CAR2548FPC-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR2548FPZ01A LINEAGEPOWER-CAR2548FPZ01A Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
More results

同様の説明 - CAR2548FPC-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR3000 LINEAGEPOWER-CAR3000 Datasheet
1,009Kb / 2P
   3000 Watt 24 / 48V Front End
CAR4000 LINEAGEPOWER-CAR4000 Datasheet
966Kb / 2P
   4000 Watt 24 / 48V Front End
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
CAR1248TN LINEAGEPOWER-CAR1248TN Datasheet
935Kb / 2P
   1200 Watt 48V Rectifier Power Supply
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com