データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1140 データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 2SD1140
部品情報  Micro Motor Drive, Hammer Drive Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1140 データシート(HTML) 4 Page - Toshiba Semiconductor

  2SD1140 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1140 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1140 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1140 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1140 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SD1140
2009-12-21
4
Collector-emitter voltage VCE (V)
Safe Operating Area
Collector current IC (A)
VBE (sat) – IC
Ambient temperature Ta (°C)
PC – Ta
10
Common emitter
IC/IB = 1000
0.002
0.1
1
0.1
3
Ta = −50°C
100
25
3
0.3
0.01
0.03
0.3
0.5
1
5
0
0
0.2
0.8
20
40
80
100
140
60
120
0.4
1.0
0.6
160
1
3
10
30
10
0.5
3000
100
300
500
1000
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max
(continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 ms*
10 μs*
DC operation
(Ta = 25°C)
30
50
100 μs*
2 s*
300 ms*


同様の部品番号 - 2SD1140

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1140 TOSHIBA-2SD1140 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
2SD1140 TOSHIBA-2SD1140_06 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
More results

同様の説明 - 2SD1140

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SD2206 TOSHIBA-2SD2206_09 Datasheet
141Kb / 4P
   Micro Motor Drive, Hammer Drive Applications
2SD1631 TOSHIBA-2SD1631_10 Datasheet
152Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2088 TOSHIBA-2SD2088_09 Datasheet
151Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD1784 TOSHIBA-2SD1784_10 Datasheet
183Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2695 TOSHIBA-2SD2695_09 Datasheet
153Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD1658 TOSHIBA-2SD1658_09 Datasheet
162Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2206A TOSHIBA-2SD2206A Datasheet
141Kb / 4P
   Micro Motor Drive, Hammer Drive Applications
2SD1509 TOSHIBA-2SD1509_09 Datasheet
162Kb / 5P
   Micro-Motor Drive, Hammer Drive Applications
2SD2480 TOSHIBA-2SD2480_06 Datasheet
148Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD1508 TOSHIBA-2SD1508_09 Datasheet
167Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com