データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC7527E データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC7527E
部品情報  Graphic Equalizer System
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7527E データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC7527E Datasheet HTML 3Page - Sanyo Semicon Device LC7527E Datasheet HTML 4Page - Sanyo Semicon Device LC7527E Datasheet HTML 5Page - Sanyo Semicon Device LC7527E Datasheet HTML 6Page - Sanyo Semicon Device LC7527E Datasheet HTML 7Page - Sanyo Semicon Device LC7527E Datasheet HTML 8Page - Sanyo Semicon Device LC7527E Datasheet HTML 9Page - Sanyo Semicon Device LC7527E Datasheet HTML 10Page - Sanyo Semicon Device LC7527E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
External Component Value Calculations
The external capacitors required for each band in the LC7527E are the structural elements in semiconductor inductors
(simulated inductors). The remainder of this section presents the equivalent circuits and the formulas used to determine
the center frequencies.
1. Semiconductor Inductor Equivalent Circuit
The LC7527E provides circuits with differing constants for the low and high bands.
2. Calculation Example
Specifications: 1) Center frequency: Fo = 63 Hz
2) Q at maximum boost: Q+12 dB = 1.05
• Derive the sharpness Qo of the semiconductor inductor itself.
Qo =
× Q
+12 dB ≈ 4.064
See the internal equivalent circuit figure for R4.
• Derive C1.
C1 = 1/2
πFoR1Qo ≠ 0.953 (µF)
• Derive C2.
C2 = Qo/2
πFoR2 ≠ 0.034 (µF)
3. Sample Values for C1 and C2
(R1 + R4)
R1
No. 4466-9/11
LC7527E
Center
C1
C2
frequency
(F)
(F)
Fo (Hz)
63
0.953 µ
0.034 µ
160
0.377 µ
0.014 µ
400
0.151 µ
5390 p
1000
0.060 µ
2156 p
2500
0.024 µ
862 p
6300
9563 p
3422 p
16000
3765 p
1348 p


同様の部品番号 - LC7527E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7520 SANYO-LC7520 Datasheet
244Kb / 2P
   GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO, MUSIC CENTER USE
LC7522 SANYO-LC7522 Datasheet
329Kb / 5P
   ELECTORONIC VOLUME CONTROL FOR GRAPHIC EQUALIZER
LC75281 SANYO-LC75281 Datasheet
176Kb / 10P
   Parametric Equalizer System
LC75281E SANYO-LC75281E Datasheet
176Kb / 10P
   Parametric Equalizer System
More results

同様の説明 - LC7527E

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
   GRAPHIC EQUALIZER
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
   5-channel graphic equalizer
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
   10 Band Graphic Equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
   7-Band Graphic Equalizer?
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
   2-CHANNEL GRAPHIC EQUALIZER
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
   Seven Band Graphic Equalizer
logo
Toshiba Semiconductor
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
   7 BAND GRAPHIC EQUALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com