データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75343M データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC75343M
部品情報  Electronic Volume Control System on-Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75343M データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75343M Datasheet HTML 2Page - Sanyo Semicon Device LC75343M Datasheet HTML 3Page - Sanyo Semicon Device LC75343M Datasheet HTML 4Page - Sanyo Semicon Device LC75343M Datasheet HTML 5Page - Sanyo Semicon Device LC75343M Datasheet HTML 6Page - Sanyo Semicon Device LC75343M Datasheet HTML 7Page - Sanyo Semicon Device LC75343M Datasheet HTML 8Page - Sanyo Semicon Device LC75343M Datasheet HTML 9Page - Sanyo Semicon Device LC75343M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
No. 6867-6/28
LC75343M
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
10.5
V
CE, DI, CL
–0.3 to +10.5
Maximum input voltage
VIN max
L1 to L5, R1 to R5,
V
LVRIN, RVRIN, LINP,
VSS – 0.3 to VDD + 0.3
RINP, LINM, RINM
Allowable power dissipation
Pdmax
Ta
≤ 75°C, independent IC
520
mW
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
4.5
9
V
Input high-level voltage
VIH
CL, DI, CE
2.0
9
V
Input low-level voltage
VIL
CL, DI, CE
7.5
≤ VDD ≤ 9VSS
0.8
V
4.5
≤ VDD ≤ 7.5
VSS
0.3
L1 to L5, R1 to R5,
Input amplitude voltage
VIN
LVRIN, RVRIN, LINP,
VSS
VDD
Vp-p
RINP, LINM, RINM
Input pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = –30 to +75°C, VSS = 0 V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Maximum input gain
Ginmax
+30
dB
Step resolution
Gstep
+2
dB
Input resistance
Rin
L1, L2, L3, L4, L5
50
k
R1, R2, R3, R4, R5
Clipping level
Vcl
LSEL0, RSEL0
THD = 1.0%, f = 1 kHz
2.50
Vrms
Output load resistance
Rl
LSEL0, RSEL0
10
k
Electrical Characteristics at Ta = 25°C, VDD = 8 V, VSS = 0 V
Input block
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Input resistance
Rin
LVRIN, RVRIN
50
k
Volume block
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Control range
Geq
max. boost/cut
±8
±10
±12
dB
Step resolution
Estep
1
2
3
dB
Internal feedback resistance
Rfeed
51.7
k
Treble band equalizer control block


同様の部品番号 - LC75343M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342M SANYO-LC75342M Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75344M SANYO-LC75344M Datasheet
529Kb / 11P
   2 CHANNEL VOLUME SYSTEM
More results

同様の説明 - LC75343M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75347E SANYO-LC75347E Datasheet
602Kb / 17P
   Six-Channel Single-Chip Electronic Volume Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com