データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K10P100M100SF2 データシート(PDF) 11 Page - Freescale Semiconductor, Inc

部品番号 K10P100M100SF2
部品情報  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K10P100M100SF2 データシート(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button K10P100M100SF2 Datasheet HTML 7Page - Freescale Semiconductor, Inc K10P100M100SF2 Datasheet HTML 8Page - Freescale Semiconductor, Inc K10P100M100SF2 Datasheet HTML 9Page - Freescale Semiconductor, Inc K10P100M100SF2 Datasheet HTML 10Page - Freescale Semiconductor, Inc K10P100M100SF2 Datasheet HTML 11Page - Freescale Semiconductor, Inc K10P100M100SF2 Datasheet HTML 12Page - Freescale Semiconductor, Inc K10P100M100SF2 Datasheet HTML 13Page - Freescale Semiconductor, Inc K10P100M100SF2 Datasheet HTML 14Page - Freescale Semiconductor, Inc K10P100M100SF2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
1. All functional non-supply pins are internally clamped to VSS, and induce an injection current when VIN is less than VSS. The
IIC maximum operating requirement should not be exceeded. If this requirement cannot be met, the input must be current
limited to the value specified.
5.1.2 LVD and POR operating requirements
Table 2. VDD supply LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
TBD
1.1
TBD
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV=01)
TBD
2.56
TBD
V
VLVW1H
VLVW2H
VLVW3H
VLVW4H
Low-voltage warning thresholds — high range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
TBD
TBD
TBD
TBD
2.70
2.80
2.90
3.00
TBD
TBD
TBD
TBD
V
V
V
V
1
VHYSH
Low-voltage inhibit reset/recover hysteresis —
high range
60
mV
VLVDL
Falling low-voltage detect threshold — low range
(LVDV=00)
TBD
1.60
TBD
V
VLVW1L
VLVW2L
VLVW3L
VLVW4L
Low-voltage warning thresholds — low range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
TBD
TBD
TBD
TBD
1.80
1.90
2.00
2.10
TBD
TBD
TBD
TBD
V
V
V
V
1
VHYSL
Low-voltage inhibit reset/recover hysteresis —
low range
40
mV
VBG
Bandgap voltage reference
TBD
1.00
TBD
V
tLPO
Internal low power oscillator period
factory trimmed
TBD
1000
TBD
μs
1. Rising thresholds are falling threshold + hysteresis voltage
Table 3. VBAT power operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR_VBAT Falling VBAT supply POR detect voltage
TBD
1.1
TBD
V
General
K10 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
Freescale Semiconductor, Inc.
Preliminary
11


同様の部品番号 - K10P100M100SF2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
K10P100M100SF2 NXP-K10P100M100SF2 Datasheet
2Mb / 68P
   K10 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K10P100M100SF2V2 FREESCALE-K10P100M100SF2V2 Datasheet
1Mb / 69P
   K10 Sub-Family
logo
NXP Semiconductors
K10P100M100SF2V2 NXP-K10P100M100SF2V2 Datasheet
1Mb / 72P
   K10 Sub-Family
Rev. 3, 6/2013
More results

同様の説明 - K10P100M100SF2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P100M100SF2 FREESCALE-K20P100M100SF2 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P144M100SF2 FREESCALE-K40P144M100SF2_11 Datasheet
1Mb / 75P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P100M100SF2 FREESCALE-K40P100M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P144M100SF2 FREESCALE-K20P144M100SF2_11 Datasheet
1Mb / 74P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P100M100SF2 FREESCALE-K50P100M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P81M100SF2 FREESCALE-K20P81M100SF2_11 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com