データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75386NE データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC75386NE
部品情報  Electronic Volume and Tone Control for Car Stereo Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75386NE Datasheet HTML 2Page - Sanyo Semicon Device LC75386NE Datasheet HTML 3Page - Sanyo Semicon Device LC75386NE Datasheet HTML 4Page - Sanyo Semicon Device LC75386NE Datasheet HTML 5Page - Sanyo Semicon Device LC75386NE Datasheet HTML 6Page - Sanyo Semicon Device LC75386NE Datasheet HTML 7Page - Sanyo Semicon Device LC75386NE Datasheet HTML 8Page - Sanyo Semicon Device LC75386NE Datasheet HTML 9Page - Sanyo Semicon Device LC75386NE Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
• Address Code (B0 to A3)
The LC75386NE has an 8-bit address code and can be used on a bus shared with other Sanyo ICs.
Address Code
• Control code allocation
Input Switching Control
(LSB)
(81HEX)
B0
B1
B2
B3
A0
A1
A2
A3
10000001
No. 5937-6/20
LC75386NE
D0
D1
D2
0
0
0
L1 (R1)
1
0
0
L2 (R2)
0
1
0
L3 (R3)
1
1
0
L4 (R4)
0
0
1
L5 (R5)
1
0
1
L6 (R6)
0
1
1
IC test values: These values must not be used during normal operation.
111
D3
IC test bit: This bit must be set to 0.
Input Gain Control
D4
D5
D6
D7
0000
0 dB
1
0
0
0
+1.25 dB
0
1
0
0
+2.50 dB
1
1
0
0
+3.75 dB
0
0
1
0
+5.00 dB
1
0
1
0
+6.25 dB
0
1
1
0
+7.50 dB
1
1
1
0
+8.75 dB
0
0
0
1
+10.0 dB
1
0
0
1
+11.25 dB
0
1
0
1
+12.5 dB
1
1
0
1
+13.75 dB
0
0
1
1
+15.0 dB
1
0
1
1
+16.25 dB
0
1
1
1
+17.5 dB
1
1
1
1
+18.75 dB


同様の部品番号 - LC75386NE

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75386NE-R SANYO-LC75386NE-R Datasheet
253Kb / 23P
   LC75386NE-R/LC75386NW
More results

同様の説明 - LC75386NE

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
   Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
LC75382E SANYO-LC75382E Datasheet
284Kb / 16P
   Electronic Tone Controls for Car Stereo Systems?
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com