データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2221A データシート(PDF) 4 Page - Microsemi Corporation

部品番号 2N2221A
部品情報  RADIATION HARDENED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2221A データシート(HTML) 4 Page - Microsemi Corporation

  2N2221A_1 Datasheet HTML 1Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 2Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 3Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 4Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 5Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 6Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0042 Rev. 3 (100247)
Page 4 of 7
PACKAGE DIMENSIONS
NOTES:
Dimensions
1. Dimensions are in inches.
Symbol
Inches
Millimeters
Note
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Beyond r (radius) maximum, TL shall be held for a minimum length
CD
.178
.195
4.52
4.95
of .011 inch (0.28 mm).
CH
.170
.210
4.32
5.33
4. Dimension TL measured from maximum HD.
HD
.209
.230
5.31
5.84
5. Body contour optional within zone defined by HD, CD, and Q.
LC
.100 TP
2.54 TP
6
6. Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm)
LD
.016
.021
0.41
0.53
7,8
below seating plane shall be within .007 inch (0.18 mm) radius of
LL
.500
.750
12.70
19.05
7,8,13
true position (TP) at maximum material condition (MMC) relative to
LU
.016
.019
0.41
0.48
7,8
tab at MMC.
L1
.050
1.27
7,8
7. Dimension LU applies between L1 and L2. Dimension LD applies
L2
.250
6.35
7,8
between L2 and LL minimum. Diameter is uncontrolled in L1 and
P
.100
2.54
beyond LL minimum.
Q
.030
0.76
5
8. All three leads.
TL
.028
.048
0.71
1.22
3,4
9. The collector shall be internally connected to the case.
TW
.036
.046
0.91
1.17
3
10. Dimension r (radius) applies to both inside corners of tab.
r
.010
0.25
10
11. In accordance with ASME Y14.5M, diameters are equivalent to
φx
α
45
° TP
45
° TP
6
symbology.
1, 2, 9, 11, 12, 13
12. Lead 1 = emitter, lead 2 = base, lead 3 = collector.
13. For L suffix devices, dimension LL = 1.5 inches (38.10 mm) min.
and 1.75 inches (44.45 mm) max.
FIGURE 1. Physical dimensions (similar to TO-18).


同様の部品番号 - 2N2221A_1

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N2221A CENTRAL-2N2221A_15 Datasheet
542Kb / 2P
   SILICON NPN TRANSISTORS
More results

同様の説明 - 2N2221A_1

メーカー部品番号データシート部品情報
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com