データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75742W データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LC75742W
部品情報  1/2 Duty VFD Driver with Key Input Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75742W データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75742W Datasheet HTML 7Page - Sanyo Semicon Device LC75742W Datasheet HTML 8Page - Sanyo Semicon Device LC75742W Datasheet HTML 9Page - Sanyo Semicon Device LC75742W Datasheet HTML 10Page - Sanyo Semicon Device LC75742W Datasheet HTML 11Page - Sanyo Semicon Device LC75742W Datasheet HTML 12Page - Sanyo Semicon Device LC75742W Datasheet HTML 13Page - Sanyo Semicon Device LC75742W Datasheet HTML 14Page - Sanyo Semicon Device LC75742W Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Multiple Key Presses
The LC75742E/W, even without diodes in the key scan lines, can scan for any combination of dual key presses, any
combination of triple key presses on any of the KI1 to KI5 key scan input pin lines, or any combination of multiple key
presses on any of the KS1 to KS6 key scan output lines. However, keys that are not pressed may be seen as having been
pressed for any other multiple key press combination. Accordingly, applications must insert diodes at each key. Also, to
reject any triple and higher multiple key presses, if three or more data readout are 1 ignore the data by the software or in
other ways.
Notes on the BLK Pin and Display Control
Since the states of the IC internal data (D1 to D82, and the control data) are undefined when power is first applied,
applications should turn off the display (i.e. set S1 to S41, and G1 and G2 low) by setting the BLK pin low at the same
time as power is applied. Applications should transfer all 128 bits of the serial data while BLK is held low, and only then
set BLK high. This will prevent random meaningless display at power on. (See figure 4.)
Note on the Power on Sequence
Applications must observe the following sequences when turning the power on or off.
• At power on: First turn on the logic system power (VDD), and then turn on the driver power (VFL)
• At power off: First turn off the driver power (VFL), and then turn off the logic system power (VDD).
No. 6142-11/18
LC75742E, LC75742W
Serial data transfer
Serial data transfer
Serial data transfer
Key data read
Key data read request
Key data read
Key data read request
Key address (8FH)
Key address
Figure 4
Key input
(KS6 line)
Key scan


同様の部品番号 - LC75742W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7574 SANYO-LC7574 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741 SANYO-LC75741 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741W SANYO-LC75741W Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results

同様の説明 - LC75742W

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com