データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC7574 データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC7574
部品情報  1/2 Duty VFD Driver with Key Input Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7574 データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC7574 Datasheet HTML 5Page - Sanyo Semicon Device LC7574 Datasheet HTML 6Page - Sanyo Semicon Device LC7574 Datasheet HTML 7Page - Sanyo Semicon Device LC7574 Datasheet HTML 8Page - Sanyo Semicon Device LC7574 Datasheet HTML 9Page - Sanyo Semicon Device LC7574 Datasheet HTML 10Page - Sanyo Semicon Device LC7574 Datasheet HTML 11Page - Sanyo Semicon Device LC7574 Datasheet HTML 12Page - Sanyo Semicon Device LC7574 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Output Data
• KD1 to KD30: Key data
These bits represent the key output states when a key matrix with up to 30 keys is formed using the KS1 to KS6 key
scan output pins and the KI1 to KI5 key scan input pins. When a key is pressed, the bit corresponding to that key will
be set to 1. The correspondence is listed in the following table.
• SA: Sleep acknowledge data
This output data is set to the state when the key was pressed. In that case DO will go to the low level. If serial data is
input during this period and the mode is set (normal mode or sleep mode), the IC will be set to that mode. SA is set to
1 in the sleep mode and to 0 in the normal mode.
Sleep Mode
The IC is set to sleep mode by setting either S0 or S1 in the control data to 1. The segment outputs and the digit outputs
are all set low, and the clock generator (oscillator circuit) is stopped (although it is restarted when a key is pressed), and
thus power dissipation is reduced. This mode is cleared by setting S0 and S1 in the control data to 0.
Key Scan Operation
• Key scan timing
The scan period is 12000T [s]. A key scan is performed twice to reliably recognize the key on/off states by verifying
that the key data for the two scans agrees. If the data agrees, the IC recognizes a key press and 25600T [s] after the
start of key scan execution issues a key scan data read request by outputting a low level from DO. If the key data does
not agree and a key was pressed at the later scan, the IC executes another key scan operation. Note that this means that
this IC cannot recognize a key press shorter than 25600T [s].
Note *: The high-level and low-level states in sleep mode are set according to the control data S0 and S1. Key scan output signals are not output from pins
set to the “L” state.
No. 6142-9/18
LC75742E, LC75742W
Item
KI1
KI2
KI3
KI4
KI5
KS1
KD1
KD2
KD3
KD4
KD5
KS2
KD6
KD7
KD8
KD9
KD10
KS3
KD11
KD12
KD13
KD14
KD15
KS4
KD16
KD17
KD18
KD19
KD20
KS5
KD21
KD22
KD23
KD24
KD25
KS6
KD26
KD27
KD28
KD29
KD30


同様の部品番号 - LC7574

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7574 SANYO-LC7574 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741 SANYO-LC75741 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741W SANYO-LC75741W Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results

同様の説明 - LC7574

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com