データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75808E データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC75808E
部品情報  1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75808E データシート(HTML) 1 Page - Sanyo Semicon Device

  LC75808E Datasheet HTML 1Page - Sanyo Semicon Device LC75808E Datasheet HTML 2Page - Sanyo Semicon Device LC75808E Datasheet HTML 3Page - Sanyo Semicon Device LC75808E Datasheet HTML 4Page - Sanyo Semicon Device LC75808E Datasheet HTML 5Page - Sanyo Semicon Device LC75808E Datasheet HTML 6Page - Sanyo Semicon Device LC75808E Datasheet HTML 7Page - Sanyo Semicon Device LC75808E Datasheet HTML 8Page - Sanyo Semicon Device LC75808E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Ordering number : ENN6370A
31000RM (OT)/12800RM No. 6370 -1/39
Overview
The LC75808E and LC75808W are 1/8 to 1/10 duty LCD
display drivers that can directly drive up to 600 segments
and can control up to four general-purpose output ports.
These products also incorporate a key scan circuit that
accepts input from up to 30 keys to reduce printed circuit
board wiring.
Features
• Key input function for up to 30 keys (A key scan is
performed only when a key is pressed.)
• 1/8duty–1/4bias, 1/9duty–1/4bias, and 1/10duty–1/4bias
drive schemes can be controlled from serial data.
1/8duty–1/4bias: up to 480 segments
1/9duty–1/4bias: up to 540 segments
1/10duty–1/4bias: up to 600 segments
• Sleep mode and all segments off functions that are
controlled from serial data.
• Serial data I/O supports CCB format communication
with the system controller.
• Direct display of display data without the use of a
decoder provides high generality.
• Built-in display contrast adjustment circuit.
• Up to 4 general-purpose output ports are included.
• Independent LCD driver block power supply VLCD.
• Provision of an on-chip voltage-detection type reset
circuit prevents incorrect displays.
• The INH pin is provided. This pin turns off the display,
disables key scanning, and forces the general-purpose
output ports to the low level.
• RC oscillator circuit.
Package Dimensions
unit: mm
3151-QFP100E
unit: mm
3181B-SQFP100
21.6
0.8
130
31
50
51
80
81
1.6
0.575
0.575
0.15
2.7
0.3
20.0
23.2
100
0.65
0.1
SANYO: QFP100E
[LC75808E]
0.2
16.0
14.0
0.5
1.0
1.0
0.145
1.4
0.5
0.5
100
125
26
50
51
75
76
0.1
SANYO: SQFP100
[LC75808W]
LC75808E, 75808W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/8 to 1/10 Duty LCD Display Drivers
with Key Input Function
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


同様の部品番号 - LC75808E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
More results

同様の説明 - LC75808E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com