データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75852 データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC75852
部品情報  Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75852 データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75852 Datasheet HTML 4Page - Sanyo Semicon Device LC75852 Datasheet HTML 5Page - Sanyo Semicon Device LC75852 Datasheet HTML 6Page - Sanyo Semicon Device LC75852 Datasheet HTML 7Page - Sanyo Semicon Device LC75852 Datasheet HTML 8Page - Sanyo Semicon Device LC75852 Datasheet HTML 9Page - Sanyo Semicon Device LC75852 Datasheet HTML 10Page - Sanyo Semicon Device LC75852 Datasheet HTML 11Page - Sanyo Semicon Device LC75852 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Serial Data Output
1. When stopped with CL at the low level
2. When stopped with CL at the high level
CCB address......................[43H]
KD1 to KD30 ......................Key data
SA ......................................Sleep acknowledge data
Note: If key data is read when DO is high, the key data (KD1 to KD30) and sleep acknowledge data (SA) will be
invalid.
Output Data
1. KD1 to KD30.....Key data
When a key matrix with up to 30 keys is formed using the KS1 to KS6 output pins and the KI1 to KI5 input pins, the
key data corresponding to a given key will be 1 if that key is pressed. The table below lists that correspondence.
When the output pins KS1/S44 and KS2/S45 are selected for segment output by the control data K0 and K1, the key
data items KD1 to KD10 will be 0.
2. SA ......................Sleep acknowledge data
This output data is set according to the state when the key was pressed. If the LSI was in sleep mode, SA will be 1,
and if the LSI was in normal mode, SA will be 0.
Sleep Mode
When S0 or S1 in the control data is set to 1, the oscillator at the OSC pin will stop (it will restart if a key is pressed) and
the segment and common outputs will all go to the low level. This reduces the LSI power dissipation. However, the
S1/P1 to S4/P4 output pins can be used as general-purpose output ports even in sleep mode if selected for such use by
the P0 and P1 control data bits.
No. 4828-8/16
LC75852E, 75852W
Item
KI1
KI2
KI3
KI4
KI5
KS1/S44
KD1
KD2
KD3
KD4
KD5
KS2/S45
KD6
KD7
KD8
KD9
KD10
KS3
KD11
KD12
KD13
KD14
KD15
KS4
KD16
KD17
KD18
KD19
KD20
KS5
KD21
KD22
KD23
KD24
KD25
KS6
KD26
KD27
KD28
KD29
KD30


同様の部品番号 - LC75852

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852E-E ONSEMI-LC75852E-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852EHS-E ONSEMI-LC75852EHS-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852W-E ONSEMI-LC75852W-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852W-TML-E ONSEMI-LC75852W-TML-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results

同様の説明 - LC75852

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
ON Semiconductor
EN4828 ONSEMI-EN4828 Datasheet
355Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver
July, 2013
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com