データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75863E データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC75863E
部品情報  1/3 Duty LCD Display Drivers with Key Input Function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75863E データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75863E Datasheet HTML 6Page - Sanyo Semicon Device LC75863E Datasheet HTML 7Page - Sanyo Semicon Device LC75863E Datasheet HTML 8Page - Sanyo Semicon Device LC75863E Datasheet HTML 9Page - Sanyo Semicon Device LC75863E Datasheet HTML 10Page - Sanyo Semicon Device LC75863E Datasheet HTML 11Page - Sanyo Semicon Device LC75863E Datasheet HTML 12Page - Sanyo Semicon Device LC75863E Datasheet HTML 13Page - Sanyo Semicon Device LC75863E Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CE
B1
B0
1
1
1
DO
DI
CL
Output data
X: don’t care
0
0
SA
KD28
KD27
KD2
KD1
X
0
0
0
B3
B2
A1
A0
A3
A2
KD30
KD29
CE
B1
B0
1
1
1
DO
DI
CL
Output data
X: don’t care
0
0
0
SA
KD29
KD28
KD3
KD2
KD1
X
X
0
0
B3
B2
A1
A0
A3
A2
KD30
No. 7135-10/24
LC75863E, 75863W
Serial Data Output
1. When CL is stopped at the low level
Note: B0 to B3, A0 to A3······CCB address
2. When CL is stopped at the high level
Note: B0 to B3, A0 to A3······CCB address
CCB address ...... 43H
KD1 to KD30........ Key data
SA ........................ Sleep acknowledge data
Note: If a key data read operation is executed when DO is high, the read key data (KD1 to KD30) and sleep acknowledge data(SA) will be invalid.


同様の部品番号 - LC75863E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
More results

同様の説明 - LC75863E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com