データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75874 データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC75874
部品情報  1/4-Duty General-Purpose LCD Display Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75874 データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75874 Datasheet HTML 4Page - Sanyo Semicon Device LC75874 Datasheet HTML 5Page - Sanyo Semicon Device LC75874 Datasheet HTML 6Page - Sanyo Semicon Device LC75874 Datasheet HTML 7Page - Sanyo Semicon Device LC75874 Datasheet HTML 8Page - Sanyo Semicon Device LC75874 Datasheet HTML 9Page - Sanyo Semicon Device LC75874 Datasheet HTML 10Page - Sanyo Semicon Device LC75874 Datasheet HTML 11Page - Sanyo Semicon Device LC75874 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Serial Data Transfer Example
1. When 201 or more segments are used
All 320 bits of serial data must be sent.
2. When fewer than 201 segments are used
Either 80, 160 or 240 bits of serial data may be sent, depending on the number of segments used. However, the serial
data shown below (the D1 to D68 display data and the control data) must be sent.
Control Data Functions
1. P0 to P3: Segment output port/general-purpose output port switching control data
These control data bits switch the segment output port/general-purpose output port functions of the S1/P1 to S8/P8
output pins.
Note: Sn (n = 1 to 8): Segment output port function
Pn (n = 1 to 8): General-purpose output port function
Note that when the general-purpose output port function is selected, the correspondence between the output pins and
the display data will be that shown in the table.
For example, if the general-purpose output port function is selected for the S4/P4 output pin, that output pin will
output a high level (VLCD) when the display data D13 is 1, and a low level (VSS) when the D13 is 0.
No. 4465-No. 5800-8/16
LC75874E, 75874W
Control data
Output pin state
P0
P1
P2
P3
S1/P1
S2/P2
S3/P3
S4/P4
S5/P5
S6/P6
S7/P7
S8/P8
0
0
0
0
S1
S2
S3
S4
S5
S6
S7
S8
0
0
0
1
P1
S2
S3
S4
S5
S6
S7
S8
0
0
1
0
P1
P2
S3
S4
S5
S6
S7
S8
0
0
1
1
P1
P2
P3
S4
S5
S6
S7
S8
0
1
0
0
P1
P2
P3
P4
S5
S6
S7
S8
0
1
0
1
P1
P2
P3
P4
P5
S6
S7
S8
0
1
1
0
P1
P2
P3
P4
P5
P6
S7
S8
0
1
1
1
P1
P2
P3
P4
P5
P6
P7
S8
1
0
0
0
P1
P2
P3
P4
P5
P6
P7
P8
Output pin
Corresponding display data
S1/P1
D1
S2/P2
D5
S3/P3
D9
S4/P4
D13
Output pin
Corresponding display data
S5/P5
D17
S6/P6
D21
S7/P7
D25
S8/P8
D29
8 bits
80 bits
80 bits
8 bits


同様の部品番号 - LC75874

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75873NW SANYO-LC75873NW Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
More results

同様の説明 - LC75874

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com