データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75884E データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC75884E
部品情報  1/4 Duty LCD Display Drivers with Key Input Function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75884E データシート(HTML) 1 Page - Sanyo Semicon Device

  LC75884E Datasheet HTML 1Page - Sanyo Semicon Device LC75884E Datasheet HTML 2Page - Sanyo Semicon Device LC75884E Datasheet HTML 3Page - Sanyo Semicon Device LC75884E Datasheet HTML 4Page - Sanyo Semicon Device LC75884E Datasheet HTML 5Page - Sanyo Semicon Device LC75884E Datasheet HTML 6Page - Sanyo Semicon Device LC75884E Datasheet HTML 7Page - Sanyo Semicon Device LC75884E Datasheet HTML 8Page - Sanyo Semicon Device LC75884E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Ordering number : EN6086
22299RM (OT) No. 6086-1/27
Overview
The LC75884E and LC75884W are 1/4 duty LCD display
drivers that can directly drive up to 220 segments and can
control up to four general-purpose output ports. These
products also incorporate a key scan circuit that accepts
input from up to 30 keys to reduce printed circuit board
wiring.
Features
• Key input function for up to 30 keys (A key scan is
performed only when a key is pressed.)
• 1/4duty - 1/2bias and 1/4duty - 1/3bias drive schemes
can be controlled from serial data (up to 220 segments).
• Sleep mode and all segments off functions that are
controlled from serial data.
• Segment output port/general-purpose output port
function switching that is controlled from serial data.
• Serial data I/O supports CCB format communication
with the system controller.
• Direct display of display data without the use of a
decoder provides high generality.
• Independent VLCD for the LCD driver block (VLCD can
be set to in the range VDD-0.5 to 6.0 volts.)
• Provision of an on-chip voltage-detection type reset
circuit prevents incorrect displays.
• RES pin provided for forcibly initializing the IC internal
circuits.
• RC oscillator circuit.
Package Dimensions
unit: mm
QFP80E
unit: mm
SQFP80
0.15
124
25
40
41
64
65
80
21.6
0.8
2.7
1.6
0.35
23.2
20.0
0.8
0.8
SANYO: QFP80E(QIP80E)
[LC75884E]
14.0
12.0
1.25
1.25
0.5
120
21
40
41
60
61
80
0.5
0.5
0.2
0.135
SANYO: SQFP80
[LC75884W]
LC75884E, LC75884W
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/4 Duty LCD Display Drivers with Key Input Function
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


同様の部品番号 - LC75884E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75883 SANYO-LC75883 Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883W SANYO-LC75883W Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
436Kb / 36P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
LC75886PW ONSEMI-LC75886PW Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
More results

同様の説明 - LC75884E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com