データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75884W データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LC75884W
部品情報  1/4 Duty LCD Display Drivers with Key Input Function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75884W データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75884W Datasheet HTML 3Page - Sanyo Semicon Device LC75884W Datasheet HTML 4Page - Sanyo Semicon Device LC75884W Datasheet HTML 5Page - Sanyo Semicon Device LC75884W Datasheet HTML 6Page - Sanyo Semicon Device LC75884W Datasheet HTML 7Page - Sanyo Semicon Device LC75884W Datasheet HTML 8Page - Sanyo Semicon Device LC75884W Datasheet HTML 9Page - Sanyo Semicon Device LC75884W Datasheet HTML 10Page - Sanyo Semicon Device LC75884W Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
No. 6086-7/27
LC75884E, LC75884W
Pin
Pin No.
Function
Active
I/O
Handling
LC75884E
LC75884W
when unused
S1/P1
1
79
S2/P2
2
80
S3/P3
3
1
q
q
OPEN
S4/P4
4
2
S5 to S53
5 to 53
3 to 51
COM1
54
52
COM2
55
53
q
q
OPEN
COM3
56
54
COM4
57
55
KS1/S54
58
56
KS2/S55
59
57
O
OPEN
KS3 to KS6
60 to 63
58 to 61
KI1 to KI5
64 to 68
62 to 66
H
I
GND
OSC
75
73
I/O
VDD
CE
78
76
H
I
CL
79
77
I
GND
DI
80
78
I
DO
77
75
O
OPEN
RES
76
74
L
I
VDD
TEST
74
72
This pin must be connected to ground.
I
VLCD1
71
69
I
OPEN
VLCD2
72
70
I
OPEN
VDD
69
67
VLCD
70
68
VSS
73
71
Power supply connection. Connect to ground.
Pin Functions
Segment outputs for displaying the display data transferred by serial
data input.
The S1/P1 to S4/P4 pins can be used as general-purpose output ports
under serial data control.
Common driver outputs
The frame frequency fo is given by : fo = (fOSC/512)Hz.
Key scan outputs
Although normal key scan timing lines require diodes to be inserted in
the timing lines to prevent shorts, since these outputs are unbalanced
CMOS transistor outputs, these outputs will not be damaged by shorting
when these outputs are used to form a key matrix. The KS1/S54 and
KS2/S55 pins can be used as segment outputs when so specified by
the control data.
Key scan inputs
These pins have built-in pull-down resistors.
Oscillator connection
An oscillator circuit is formed by connecting an external resistor and
capacitor at this pin.
Serial data interface connections to the controller. Note that DO, being
an open-drain output, requires a pull-up resistor.
CE :Chip enable
CL :Synchronization clock
DI :Transfer data
DO :Output data
v
Reset signal input
RES=low •••• Display off
Key scan disabled
All key data is reset to low
RES=high ••• Display on
Key scan enabled
However, serial data can be transferred when RES is low.
Used for applying the LCD drive 2/3 bias voltage externally. Must be
connected to VLCD2 when a 1/2 bias drive scheme is used.
Used for applying the LCD drive 1/3 bias voltage externally. Must be
connected to VLCD1 when a 1/2 bias drive scheme is used.
Logic block power supply connection. Provide a voltage of between 4.5
and 6.0V.
LCD driver block power supply connection. Provide a voltage of
between VDD–0.5 and 6.0V.


同様の部品番号 - LC75884W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75883 SANYO-LC75883 Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883W SANYO-LC75883W Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
436Kb / 36P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
LC75886PW ONSEMI-LC75886PW Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
More results

同様の説明 - LC75884W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com