データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75884 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC75884
部品情報  1/4 Duty LCD Display Drivers with Key Input Function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75884 データシート(HTML) 3 Page - Sanyo Semicon Device

  LC75884 Datasheet HTML 1Page - Sanyo Semicon Device LC75884 Datasheet HTML 2Page - Sanyo Semicon Device LC75884 Datasheet HTML 3Page - Sanyo Semicon Device LC75884 Datasheet HTML 4Page - Sanyo Semicon Device LC75884 Datasheet HTML 5Page - Sanyo Semicon Device LC75884 Datasheet HTML 6Page - Sanyo Semicon Device LC75884 Datasheet HTML 7Page - Sanyo Semicon Device LC75884 Datasheet HTML 8Page - Sanyo Semicon Device LC75884 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
No. 6086-3/27
LC75884E, LC75884W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, RES, KI1 to KI5
0.1 VDD
V
Power-down detection voltage
VDET
2.5
3.0
3.5
V
Input high level current
IIH
CE, CL, DI, RES: VI = 6.0V
5.0
µA
Input low level current
IIL
CE, CL, DI, RES: VI = 0V
–5.0
µA
Input floating voltage
VIF
KI1 to KI5
0.05 VDD
V
Pull-down resistance
RPD
KI1 to KI5: VDD = 5.0V
50
100
250
k
Output off leakage current
IOFFH
DO: VO = 6.0V
6.0
µA
VOH1
KS1 to KS6: IO = –500µA
VLCD – 1.0 VLCD – 0.5 VLCD – 0.2
Output high level voltage
VOH2
P1 to P4: IO = –1mA
VLCD – 1.0
V
VOH3
S1 to S55: IO = –20µA
VLCD – 1.0
VOH4
COM1 to COM4: IO = –100µA
VLCD – 1.0
VOL1
KS1 to KS6: IO = 25µA
0.2
0.5
1.5
VOL2
P1 to P4: IO = 1mA
1.0
Output low level voltage
VOL3
S1 to S55: IO = 20µA
1.0
V
VOL4
COM1 to COM4: IO = 100µA
1.0
VOL5
DO: IO = 1mA
0.1
0.5
VMID1
COM1 to COM4: 1/2bias, IO = ±100µA
1/2VLCD – 1.0
1/2VLCD + 1.0
VMID2
S1 to S55: 1/3bias,IO = ±20µA
2/3VLCD – 1.0
2/3VLCD + 1.0
Output middle level voltage *2
VMID3
S1 to S55: 1/3bias, IO = ±20µA
1/3VLCD – 1.0
1/3VLCD + 1.0
V
VMID4
COM1 to COM4: 1/3bias,IO = ±100µA
2/3VLCD – 1.0
2/3VLCD + 1.0
VMID5
COM1 to COM4: 1/3bias,IO = ±100µA
1/3VLCD – 1.0
1/3VLCD + 1.0
Oscillator frequency
fosc
OSC: ROSC = 43kΩ, COSC = 680pF
40
50
60
kHz
IDD1
VDD :Sleep mode
100
IDD2
VDD: VDD = 6.0V, output open,fosc = 50kHz
270
540
Current drain
ILCD1
VLCD : Sleep mode
5
µA
ILCD2
VLCD: VLCD = 6.0V, output open, 1/2bias,
200
400
fosc = 50kHz
ILCD3
VLCD: VLCD = 6.0V, output open, 1/3bias,
120
240
fosc = 50kHz
Electrical Characteristics for the Allowable Operating Ranges
Nete: *2. Excluding the bias voltage generation divider resistor built into VLCD1 and VLCD2. (See Figure 1.)


同様の部品番号 - LC75884

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75883 SANYO-LC75883 Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883W SANYO-LC75883W Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
436Kb / 36P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
LC75886PW ONSEMI-LC75886PW Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
More results

同様の説明 - LC75884

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com