データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD-700 データシート(PDF) 3 Page - Vectron International, Inc

部品番号 CD-700
部品情報  Complete VCXO Based Phase Lock Loop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECTRON [Vectron International, Inc]
ホームページ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700 データシート(HTML) 3 Page - Vectron International, Inc

  CD-700_09 Datasheet HTML 1Page - Vectron International, Inc CD-700_09 Datasheet HTML 2Page - Vectron International, Inc CD-700_09 Datasheet HTML 3Page - Vectron International, Inc CD-700_09 Datasheet HTML 4Page - Vectron International, Inc CD-700_09 Datasheet HTML 5Page - Vectron International, Inc CD-700_09 Datasheet HTML 6Page - Vectron International, Inc CD-700_09 Datasheet HTML 7Page - Vectron International, Inc CD-700_09 Datasheet HTML 8Page - Vectron International, Inc CD-700_09 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 3 of 12
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied
at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to
absolute maximum ratings for extended periods may adversely affect device reliability.
The CD-700 is capable of meeting the following qualification tests:
Although ESD protection circuitry has been designed into the the CD-700, proper precautions should be taken when handling
and mounting. VI employs a Human Body Model (HBM) and a Charged Device Model (CDM) for ESD susceptibility testing and
design protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model.
Reliability
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VDD
7
Vdc
Storage Temperature
Tstorage
-55/125
0C
Soldering Temperature/Duration
TPEAK / tP
260 / 40
0C/sec
Clock and Data Input Range
CLKIN, DATAIN
Gnd-0.5 to V
DD
+0.5
V
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014, 100% Tested
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Table 4. Predicted ESD R$atings
Model
Minimum
Conditions
Human Body Model
1500 V
MIL-STD 883, Method 3015
Charged Device Model
1000 V
JESD 22-C101
Rev: 30Mar2009


同様の部品番号 - CD-700_09

メーカー部品番号データシート部品情報
logo
Vectron International, ...
CD-700-KAC-GAB-77.760 VECTRON-CD-700-KAC-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700-KAC-GAB-XX.XXX ETC1-CD-700-KAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
CD-700-KAC-GAC-77.760 VECTRON-CD-700-KAC-GAC-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GAD-77.760 VECTRON-CD-700-KAC-GAD-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GBB-77.760 VECTRON-CD-700-KAC-GBB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

同様の説明 - CD-700_09

メーカー部品番号データシート部品情報
logo
Vectron International, ...
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com