データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1001IJ5T データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TS1001IJ5T
部品情報  THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TS1001IJ5T データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TS1001IJ5T Datasheet HTML 1Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 2Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 3Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 4Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 5Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 6Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 7Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 8Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS1001
TS1001DS r1p0
Page 5
RTFDS
-40
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current (IIN+, IIN-) vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
Output Voltage High (VOH) vs Temperature, RLOAD =100kΩ
TEMPERATURE - °C
Output Voltage Low (VOL) vs Temperature, RLOAD =100kΩ
TEMPERATURE - °C
Output Voltage High (VOH) vs Temperature, RLOAD =10kΩ
Output Voltage Low (VOL) vs Temperature, RLOAD =10kΩ
Input Bias Current (IIN+, IIN-) vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
VDD = 2.5V
TA = +25°C
VDD =0.8V
TA = +25°C
0
0.2
0.4
0.6
0.8
0
0.5
1.5
2
2.5
1
100
75
25
-50
-25
0
50
250
200
100
-50
0
50
150
RL = 100kΩ
VDD = 0.8V
VDD = 2.5V
RL = 100kΩ
VDD = 0.8V
VDD = 2.5V
4.5
4
2
0
1
3
3.5
0.5
1.5
2.5
1.8
1.6
0.8
0
0.4
1.2
1.4
0.2
0.6
1
+25
+85
-40
+25
+85
20
0
10
30
35
5
15
25
TEMPERATURE - °C
TEMPERATURE - °C
-40
+25
+85
-40
+25
+85
RL = 10kΩ
VDD = 0.8V
VDD = 2.5V
RL = 10kΩ
VDD = 0.8V
VDD = 2.5V
16
0
8
4
12
20


同様の部品番号 - TS1001IJ5T

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1001IJ5T TOUCHSTONE-TS1001IJ5T Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001IJ5T SILABS-TS1001IJ5T Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
More results

同様の説明 - TS1001IJ5T

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
Microchip Technology
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
   50 關A, 550 kHz Rail-to-Rail Op Amp
2008
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
   450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com