データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC78631 データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC78631
部品情報  Compact Disk Player DSP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78631 データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC78631 Datasheet HTML 6Page - Sanyo Semicon Device LC78631 Datasheet HTML 7Page - Sanyo Semicon Device LC78631 Datasheet HTML 8Page - Sanyo Semicon Device LC78631 Datasheet HTML 9Page - Sanyo Semicon Device LC78631 Datasheet HTML 10Page - Sanyo Semicon Device LC78631 Datasheet HTML 11Page - Sanyo Semicon Device LC78631 Datasheet HTML 12Page - Sanyo Semicon Device LC78631 Datasheet HTML 13Page - Sanyo Semicon Device LC78631 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
No. 5342-10/34
LC78631E
CD D/A Converter Block Diagram
1. HF signal input circuit; Pin 11: EFMI, pin 9: EFMO, pin 79: DEFI, pin 13: CLV+
When an HF signal is input to EFMI, the circuit slices it at an optimal
level to produce an EFM (NRZ) signal.
To deal with defects, if the DEFI pin (pin 79) goes high, the slice
level control output (EFMO, pin 9) goes to the high-impedance state
and the slice level is held. However, this function only operates when
CLV is in phase control mode, i.e., when the V/P pin (pin 15) is low.
This function can be formed by combining with the DEF pin on the
LA9230/40 Series LSI.
Note: If the EFMI and CLV+ lines are placed too close together,
spurious radiation (induced noise) can degrade the error rate.
Therefore we recommend laying a ground or VDD shielding
line between these lines.
2. PLL clock reproduction circuit; Pin 2: PDO2, pin 3: PDO1, pin 5: FR, pin 7: ISET, pin 21: PCK
This block includes a VCO circuit, and a PLL
circuit is formed using external resistors and
capacitors. ISET is the charge pump reference
current, PDO1 and PDO2 are the loop filters, and
FR determines the VCO frequency range.
(Reference values)
R1 = 68 k
Ω, C1 = 0.1 µF
R2 = 680
Ω, C2 = 0.1 µF
R3 = 680
Ω, C3 = 0.047 µF
R4 = 1.2 k
3. Synchronization detection monitor; Pin 22: FSEQ
This pin outputs a high level when the frame sync (positive synchronizing signal), which is read by PCK from the
EFM signal, and the timing (the inserted synchronizing signal), which is generated by a counter, agree. Thus this pin
functions as a synchronization monitor. Note that it is held high during one frame.


同様の部品番号 - LC78631

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7863 SANYO-LC7863 Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC78630 SANYO-LC78630 Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78632 SANYO-LC78632 Datasheet
157Kb / 9P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
More results

同様の説明 - LC78631

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
   DSP for Compact Disk Players
logo
List of Unclassifed Man...
YM3805 ETC1-YM3805 Datasheet
73Kb / 2P
   Signal Processor Controller for Compact Disk Player
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com