データシートサーチシステム |
|
LC78632 データシート(PDF) 9 Page - Sanyo Semicon Device |
|
LC78632 データシート(HTML) 9 Page - Sanyo Semicon Device |
9 / 9 page No. 5826-9/9 LC78632RE This catalog provide information as of December, 1997. Specifications and information herein are subject to change without notice. s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. s Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. Continued from preceding page. Note: Of the general-purpose I/O ports, any unused input ports must be connected to 0 V, or set to be output ports. Pin No. Symbol I/O Function 51 XVSS Crystal oscillator ground. Must be connected to 0 V. 52 XOUT O 16.9344 MHz crystal oscillator connections. Use a 33.8688 MHz crystal oscillator for quad-speed playback. 53 XIN I 54 XVDD Crystal oscillator power supply 55 RVSS Right channel ground. Must be connected to 0 V. 56 RCHN O One-bit D/A Right channel N output 57 RCHP O converter pins Right channel P output 58 RVDD Right channel power supply 59 MUTER O Right channel mute output 60 SBSY O Subcode block synchronization signal output 61 EFLG O C1 and C2 error correction state monitor 62 PW O Subcode P, Q, R, S, T, U, V, and W output 63 SFSY O Subcode frame synchronization signal output. Falls when the subcode output goes to the standby state. 64 SBCK I Subcode readout clock input. This is a Schmitt input. This pin must be connected to 0 V if unused. 65 DOUT O Digital output 66 FSX O Outputs a 7.35 kHz synchronization signal generated by dividing the crystal oscillator frequency. 67 WRQ O Subcode Q output standby output 68 RWC I Read/write control input 69 SQOUT O Subcode Q output 70 COIN I Input for commands from the control microprocessor 71 CQCK I Command input acquisition clock. Also used as the SQOUT subcode readout clock input. This is a Schmitt input. 72 RES I Chip reset input. This pin must be set low temporarily when power is first applied. 73 TESTF O Test output 74 CONT2 O Output port 75 16M O 16.9344 MHz output 76 4.2M O 4.2336 MHz output 77 TEST5 I Test input. A pull-down resistor is built in. Must be connected to 0 V. 78 CS I Chip select input. A pull-down resistor is built in. When control is not used, this pin must be connected to 0 V. 79 DEFI I Defect detection signal input. Must be connected to 0 V if unused. 80 VCOC I Test input. Must be connected to 0 V. |
同様の部品番号 - LC78632 |
|
同様の説明 - LC78632 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |