データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC78833V データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC78833V
部品情報  Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78833V データシート(HTML) 5 Page - Sanyo Semicon Device

  LC78833V Datasheet HTML 1Page - Sanyo Semicon Device LC78833V Datasheet HTML 2Page - Sanyo Semicon Device LC78833V Datasheet HTML 3Page - Sanyo Semicon Device LC78833V Datasheet HTML 4Page - Sanyo Semicon Device LC78833V Datasheet HTML 5Page - Sanyo Semicon Device LC78833V Datasheet HTML 6Page - Sanyo Semicon Device LC78833V Datasheet HTML 7Page - Sanyo Semicon Device LC78833V Datasheet HTML 8Page - Sanyo Semicon Device LC78833V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Pin Functions
No. 5212-5/11
LC78833M, 78833V
Pin No.
Pin
Description
LC78833M
LC78833V
1
1
CH1OUT
Channel 1 analog output
2
2
REFH
High-level reference voltage
Normally connected to AGND through a capacitor.
3
NC
No connection
3
4
Vref H
High-level reference voltage input
4
5
AVDD
Analog system power supply
5
6
LRCK
LR clock input
A high level specifies channel 1 and a low level channel 2.
6
7
DATA
Digital audio data input
Accepts data in a two’s complement MSB first format.
7
8
BCLK
Bit clock input
8
9
SYSCLK
System clock input (384fs)
10
NC
No connection
9
11
CKOUT
System clock output (384fs)
10
12
DVDD
Digital system power supply
11
13
TSTOUT
Test output
12
14
TST
Test output
This pin must be connected to DGND in normal operation.
15
NC
No connection
De-emphasis filter on/off control input
13
16
EMP
A high level specifies on and a low level off.
This function supports a sampling frequency fs of 44.1 kHz.
14
17
INITB
Initialization input. A low level input to this pin initializes the IC.
15
18
DGND
Digital system ground
16
19
REFL
Low-level reference voltage
Normally connected to AGND through a capacitor.
17
20
AGND
Analog system power supply
18
21
Vref L
Low-level reference voltage input
22
NC
No connection
19
23
NC
No connection
20
24
CH2OUT
Channel 2 analog output


同様の部品番号 - LC78833V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7883 SANYO-LC7883 Datasheet
313Kb / 9P
   LC7883M
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
LC78835 SANYO-LC78835 Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
LC78835K SANYO-LC78835K Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
More results

同様の説明 - LC78833V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
   Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78816MB SANYO-LC78816MB Datasheet
276Kb / 11P
   16-Bit D/A Converter for Use in Digital Audio Products
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
Sanyo Semicon Device
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com