データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC78835KM データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LC78835KM
部品情報  18 Bits Digital Filter and D/A Converter for Digital Audio
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78835KM データシート(HTML) 2 Page - Sanyo Semicon Device

  LC78835KM Datasheet HTML 1Page - Sanyo Semicon Device LC78835KM Datasheet HTML 2Page - Sanyo Semicon Device LC78835KM Datasheet HTML 3Page - Sanyo Semicon Device LC78835KM Datasheet HTML 4Page - Sanyo Semicon Device LC78835KM Datasheet HTML 5Page - Sanyo Semicon Device LC78835KM Datasheet HTML 6Page - Sanyo Semicon Device LC78835KM Datasheet HTML 7Page - Sanyo Semicon Device LC78835KM Datasheet HTML 8Page - Sanyo Semicon Device LC78835KM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0°C
Allowable Operating Ranges
DC Characteristics at Ta = –30 to +75°C, VDD = 3.5 to 5.5 V, VSS = 0 V
Note: * 3, 4, 5, 6, 7, 11, 13, 14, 15, 16, 17 and 18 pin
AC Characteristics at Ta = –30 to +75°C, VDD = 3.5 to 5.5 V, VSS = 0 V
No. 4624-2/14
LC78835K, 78835KM
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to + 7.0
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Output voltage
VOUT
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–30 to + 75
°C
Storage temperature
Tstg
–40 to + 125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
3.5
5.0
5.5
V
Reference voltage high
Vref H
VDD – 0.3
VDD
V
Reference voltage low
Vref L
0
0.3
V
Operating temperature
Topr
–30
+75
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high level voltage (1)
VIH1
3, 4, 5, 6, 7, 13, 14, 15, 16, 17 and 18 pin
2.2
V
Input low level voltage (1)
VIL1
3, 4, 5, 6, 7, 13, 14, 15, 16, 17 and 18 pin
0.8
V
Input high level voltage (2)
VIH2
11 pin
0.7VDD
V
Input low level voltage (2)
VIL2
11 pin
0.3VDD
V
Output high level voltage
VOH
9 pin: IOH = –3 mA
2.4
V
Output low level voltage
VOL
9 pin: IOL = 3 mA
0.4
V
Input leakage current
IL
*, VI = VSS, VDD
–25
+25
µA
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Oscillation frequency
fX
XIN pin for crystal oscillator
1.0
25
MHz
Clock pulse width
tCW
With external clock input to other than XIN pin
18
ns
Clock pulse phase
tCY
With external clock input to other than XIN pin
40
1000
ns
BCLK pulse width
tBCW
60
ns
BCLK pulse phase
tBCY
120
ns
Data setup time
tDS
40
ns
Data hold time
tDH
40
ns
LRCK setup time
tLRS
40
ns
LRCK hold time
tLRH
40
ns


同様の部品番号 - LC78835KM

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7883 SANYO-LC7883 Datasheet
313Kb / 9P
   LC7883M
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78833 SANYO-LC78833 Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78833V SANYO-LC78833V Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
More results

同様の説明 - LC78835KM

メーカー部品番号データシート部品情報
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
   DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
   18-Bit A/D Converter for Digital Audio Applications
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Panasonic Semiconductor
MN6474A PANASONIC-MN6474A Datasheet
51Kb / 6P
   D/A Converter for Digital Audio Equipment
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
   D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
   A/D Converter for Digital Audio Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com