データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC78857V データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC78857V
部品情報  Digital Audio D/A Converter IC with On-Chip Digital Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78857V データシート(HTML) 3 Page - Sanyo Semicon Device

  LC78857V Datasheet HTML 1Page - Sanyo Semicon Device LC78857V Datasheet HTML 2Page - Sanyo Semicon Device LC78857V Datasheet HTML 3Page - Sanyo Semicon Device LC78857V Datasheet HTML 4Page - Sanyo Semicon Device LC78857V Datasheet HTML 5Page - Sanyo Semicon Device LC78857V Datasheet HTML 6Page - Sanyo Semicon Device LC78857V Datasheet HTML 7Page - Sanyo Semicon Device LC78857V Datasheet HTML 8Page - Sanyo Semicon Device LC78857V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
No. 5537-3/11
LC78857V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Total harmonic distortion
THD+N
1kHz, 0 dB
0.008
0.012
%
Signal-to-noise ratio
S/N
JIS-A
90
96
dB
Crosstalk
CT
1kHz, 0 dB
88
92
dB
Full scale output level
VFS
1 kHz, 0dB
2.8
3.0
3.2
Vp-p
Dynamic range
DR
JIS-A
84
87
dB
Output load resistance
RL
Pins 2 and 23
5
k
Analog Characteristics at Ta = 25°C, VDD = 5.0 V
Test Circuit
PG: Pattern generator (signal generator)
Filter: Band limiting filter
Block Diagram
See the application circuit example
Analog low-
pass filter
(left channel)
Analog low-
pass filter
(right channel)
PWM output
circuit
(left channel)
PWM output
circuit
(right channel)
Noise shaper
(left channel)
Noise shaper
(right channel)
8
× oversampling
digital filters
Timing
generator
Interface circuit


同様の部品番号 - LC78857V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78850Q SANYO-LC78850Q Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78855 SANYO-LC78855 Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78856 SANYO-LC78856 Datasheet
177Kb / 8P
   Built-in Digital Filter D/A Converters for Digital Audio
More results

同様の説明 - LC78857V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
   Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com