データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZSH5-40 データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 CZSH5-40
部品情報  SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 5 AMP, 40 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZSH5-40 データシート(HTML) 1 Page - Central Semiconductor Corp

  CZSH5-40_10 Datasheet HTML 1Page - Central Semiconductor Corp CZSH5-40_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZSH5-40
SURFACE MOUNT
SILICON SCHOTTKY RECTIFIER
5 AMP, 40 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 5.0 Amp,
SOT-223 surface mount Silicon Schottky Rectifier, is
designed for use in all types of commercial, industrial,
entertainment, computer and automotive applications,
which require a high current device.
MARKING: FULL PART NUMBER
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
DC Blocking Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Forward Current (TA=75°C)
IO
5.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
125
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=40V
3.0
mA
IR
VR=40V, TA=100°C
20
mA
VF
IF=5.0A
0.55
V
R4 (1-March 2010)
www.centra lsemi.com


同様の部品番号 - CZSH5-40_10

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZSH5-40 CENTRAL-CZSH5-40_15 Datasheet
368Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results

同様の説明 - CZSH5-40_10

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CSHD3-40 CENTRAL-CSHD3-40_10 Datasheet
423Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 40 VOLTS
CMMSH2-40 CENTRAL-CMMSH2-40 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 40 VOLTS
CZSH-4 CENTRAL-CZSH-4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 40 VOLTS
CSHD5-40 CENTRAL-CSHD5-40_10 Datasheet
358Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CSHD5-40 CENTRAL-CSHD5-40_11 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CZSH5-40 CENTRAL-CZSH5-40 Datasheet
72Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
CMMSH1-40L CENTRAL-CMMSH1-40L Datasheet
280Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 1 AMP, 40 VOLTS
logo
Microsemi Corporation
1N6845 MICROSEMI-1N6845 Datasheet
209Kb / 2P
   45 VOLTS, 40 AMP SCHOTTKY RECTIFIER CERAMIC SURFACE MOUNT
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com