データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZT651 データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 CZT651
部品情報  SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT651 データシート(HTML) 1 Page - Central Semiconductor Corp

  CZT651_10 Datasheet HTML 1Page - Central Semiconductor Corp CZT651_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT651
SURFACE MOUNT
HIGH CURRENT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT651 type is a
NPN Silicon Transistor manufactured by the epitaxial
planar process, epoxy molded in a surface mount
package, designed for high current applications
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
2.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA
80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=1.0A, IB=100mA
0.3
V
VCE(SAT)
IC=2.0A, IB=200mA
0.5
V
VBE(SAT)
IC=1.0A, IB=100mA
1.2
V
VBE(ON)
VCE=2.0V, IC=1.0A
1.0
V
hFE
VCE=2.0V, IC=50mA
75
hFE
VCE=2.0V, IC=500mA
75
hFE
VCE=2.0V, IC=1.0A
75
hFE
VCE=2.0V, IC=2.0A
40
fT
VCE=5.0V, IC=50mA, f=100MHz
75
MHz
R4 (1-March 2010)
www.centra lsemi.com


同様の部品番号 - CZT651_10

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZT651 CENTRAL-CZT651_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results

同様の説明 - CZT651_10

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
   HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_10 Datasheet
512Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC Datasheet
127Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT853 CENTRAL-CZT853_15 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com