データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZT7120 データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 CZT7120
部品情報  SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT7120 データシート(HTML) 1 Page - Central Semiconductor Corp

  CZT7120_10 Datasheet HTML 1Page - Central Semiconductor Corp CZT7120_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT7120
SURFACE MOUNT
PNP SILICON SWITCHING
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT7120 PNP
Switching Power Transistor, manufactured by the
epitaxial planar process, combines both power and
high speed switching characteristics in a SOT-223
Surface Mount Package. Typical applications include
drivers, DC-DC converters, and general fast switching
applications.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
70
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
3.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=80V
1.0
µA
IEBO
VEB=5.0V
1.0
µA
BVCBO
IC=50µA
120
156
V
BVCEO
IC=10mA
70
118
V
BVEBO
IE=50µA
7.0
24
V
VCE(SAT)
IC=2.0A, IB=200mA
295
500
mV
VBE(ON)
IC=2.0A, VCE=1.0V
0.93
1.1
V
hFE
VCE=5.0V, IC=10mA
100
210
hFE
VCE=5.0V, IC=500mA
100
162
300
hFE
VCE=5.0V, IC=3.0A
40
65
fT
VCE=10V, IC=500mA, f=1.0MHz
8.0
MHz
R3 (1-March 2010)
www.centra lsemi.com


同様の部品番号 - CZT7120_10

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZT7120 CENTRAL-CZT7120_15 Datasheet
603Kb / 2P
   SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
More results

同様の説明 - CZT7120_10

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZT7120 CENTRAL-CZT7120 Datasheet
74Kb / 2P
   SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
CZT7120 CENTRAL-CZT7120_15 Datasheet
603Kb / 2P
   SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
logo
Motorola, Inc
MMBT589LT1 MOTOROLA-MMBT589LT1 Datasheet
113Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT589LT1 ONSEMI-MMBT589LT1 Datasheet
113Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2001 ??Rev. 1
NSL5TT1 ONSEMI-NSL5TT1 Datasheet
170Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2006 ??Rev. 1
MBT35200MT1 ONSEMI-MBT35200MT1_13 Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2013 ??Rev. 5
logo
Guangdong Kexin Industr...
CXT2907A KEXIN-CXT2907A Datasheet
97Kb / 3P
   Surface Mount PNP Switching Transistor
KZT127 KEXIN-KZT127 Datasheet
38Kb / 1P
   Surface Mount PNP Silicon Power Darlington Transistor
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com