データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5759 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA5759
部品情報  Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5759 データシート(HTML) 2 Page - Sanyo Semicon Device

  LA5759 Datasheet HTML 1Page - Sanyo Semicon Device LA5759 Datasheet HTML 2Page - Sanyo Semicon Device LA5759 Datasheet HTML 3Page - Sanyo Semicon Device LA5759 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA5759
Electrical Characteristics at Ta
= 25°C, VO = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference voltage
VOS
1.235
1.26
1.285
V
Efficiency
η
78
%
Switching frequency
f
VIN = 15V, IO = 1.0A
60
80
100
kHz
Line regulation
ΔVOLINE
VIN= 8 to 20V, IO=1.0A
40
100
mV
Load regulation
ΔVOLOAD
VIN = 15V, IO = 0.5 to 1.5A
10
30
mV
Output voltage temperature coefficient
ΔVO/ΔTa
Designed target value*
±0.5
mV/
°C
Ripple attenuation factor
RREJ
f = 100 to 120Hz
45
dB
Current limiter operating voltage
IS
VIN = 15V
5.4
A
Thermal shutdown operating temperature
TSD
Designed target value*
165
°C
Thermal shutdown hysteresis width
ΔTSD
Designed target value*
15
°C
* Designed target value: No measurement made.
Package Dimensions
unit : mm (typ)
3376
140
120
100
80
60
40
20
0
-20
-30
0
2.0
4.0
6.0
8.0
MSG07021
160
10.0
7.5
5.6
3.3
1.75
Ambient temperature, Ta --
°C
Pd max -- Ta
100
×100×1.5mm3
50
×50×1.5mm3
30
×30×1.5mm3
No heat sink
Infinite heat sink
θjc=5°C
Al heat
sink
mounting
torque
39N
⋅cm
silicone
grease
applied
SANYO : 220-5HMDB
0.9
1.3
4.5
0.8
1.7
(1.6)
12
5
0.4
10.0
10.4 MAX
3.6
7.05
3.15
Pin Assignment
(1)VIN (2)SWOUT (3)GND (4)VOS (5)SS
No.A1683-2/4


同様の部品番号 - LA5759

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
More results

同様の説明 - LA5759

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735M SANYO-LA5735M Datasheet
81Kb / 7P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com