データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-7832-HA データシート(PDF) 1 Page - NEC

部品番号 MC-7832-HA
部品情報  GaAs MULTI-CHIP MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

MC-7832-HA データシート(HTML) 1 Page - NEC

  MC-7832-HA Datasheet HTML 1Page - NEC MC-7832-HA Datasheet HTML 2Page - NEC MC-7832-HA Datasheet HTML 3Page - NEC MC-7832-HA Datasheet HTML 4Page - NEC MC-7832-HA Datasheet HTML 5Page - NEC MC-7832-HA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
GaAs MULTI-CHIP MODULE
MC-7832-HA
1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
DATA SHEET
Document No. PG10685EJ01V0DS (1st edition)
Date Published October 2007 NS
Printed in Japan
2007
DESCRIPTION
The MC-7832-HA is a GaAs Multi-chip Module designed for use in input stages in CATV applications up to 1 GHz.
This unit has low distortion, low noise figure and return loss across the entire frequency band.
Reliability and performance uniformity are assured by our stringent quality and control procedures.
FEATURES
• Low distortion
• High linear gain
GL = 22.0 dB MIN. @f = 870 MHz
• Low return loss
ORDERING INFORMATION
Part Number
Order Number
Package
Supplying Form
MC-7832-HA
MC-7832-HA-AZ
7-pin special with heatsink
(Pb-Free)
25 pcs MAX./Tray
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: MC-7832-HA
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
30
V
Input Voltage
Note
Vi
65.0
dBmV
Operating Case Temperature
TC
−30 to +100
°C
Storage Temperature
Tstg
−40 to +100
°C
Note In case of single tone
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.


同様の部品番号 - MC-7832-HA

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
logo
California Eastern Labs
MC-7832-HA-AZ CEL-MC-7832-HA-AZ Datasheet
158Kb / 5P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
More results

同様の説明 - MC-7832-HA

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7891 RENESAS-MC-7891 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com