データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-36X36-4P-12V データシート(PDF) 1 Page - HB Electronic Components

部品番号 LM-W6-36X36-4P-12V
部品情報  Emitted Color: Pure White?갮arm White?갧ed?갳ellow?갃lue?갍reen
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-36X36-4P-12V データシート(HTML) 1 Page - HB Electronic Components

  LM-W6-36X36-4P-12V Datasheet HTML 1Page - HB Electronic Components LM-W6-36X36-4P-12V Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page: 1 of 2
Product Picture/产品外观图片
Absolute Maximum Ratings /产品的极限使用条件
Electrical and optical characteristics (Ta=25℃) /产品的电气及光电参数
Rating /范围
Parameter /项目
Symbol /代码
Min./最小值
Typ./标准值
Max./最大值
Unit
Input Voltage DC /输入电压
Vin
11
12
12.5
V
Input Current DC/输入电流
I(rms)
-
0.08
-
A
Operating Tem./工作温度
Ta
-25
25
50
Operating Hum./相对湿度
Ha
5%-95%(No Water/不结露)
-
Storage Tem./存储温度
Ts
-30~65
Parameter /项目
Condition/条件
Symbol /代码
Min. /最小值 Typ./标准值 Max./最大值
Unit
Power Dissipation /功率
Vin=12V
Pd
-
1.0
-
W
IV(P)
40
50
-
Lm
IV(W)
30
40
-
Lm
IV(R)
20
25
-
Lm
IV(Y)
20
25
-
Lm
IV(B)
10
15
-
Lm
Luminous Flux /光通量
Vin=12V
IV(G)
25
30
-
Lm
C.T.(P1)
4000
4200
4500
K
C.T.(P2)
5500
6000
6200
K
C.T.(W1)
2700
3000
3200
K
C.T.(W2)
3600
3800
3900
K
C.T.(R)
620
625
630
nm
C.T.(Y)
585
590
595
nm
C.T.(B)
465
470
475
nm
Color Temperature /色温
Vin=12V
C.T.(G)
520
525
530
nm
Viewing Angle /发光角度
Vin=12V
θ
-
120
-
Deg
Features/产品特性描述
1. Emitted Color/发光颜色: Pure White/正白、Warm
White/暖白、Red/红、Yellow/黄、Blue/蓝、Green/绿.
2. Super energy saving and environmental protection/非
常节能和环保
.
3. Water and dust proof/防水防尘.
4. Choices of luminous intensities for indoor and outdoor
application/选择的发光强度适合于室内和室外应用.
5. High reliability and long life /高可靠性,长寿命.
Hebei I.T.
ha
ai Co., Ltd.
ngh
(S
)
LM-W6-36X36-4P-12V


同様の部品番号 - LM-W6-36X36-4P-12V

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-40X40-4P-12V HB-LM-W6-40X40-4P-12V Datasheet
120Kb / 2P
   LED
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
LM-W6-60X10-2W HB-LM-W6-60X10-2W Datasheet
288Kb / 6P
   High radiometric power per LED Very long operating life
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
More results

同様の説明 - LM-W6-36X36-4P-12V

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W3-36X36-4P-12V HB-LM-W3-36X36-4P-12V Datasheet
317Kb / 2P
   Emitted Color: Pure White?갮arm White?갧ed?갳ellow?갃lue?갍reen
C40-1.5W-W3-E27 HB-C40-1.5W-W3-E27 Datasheet
525Kb / 2P
   Emitted Color: Pure White?갮arm White?갧ed?갳ellow?갃lue?갍reen
G60-6W-W3-GU10 HB-G60-6W-W3-GU10 Datasheet
307Kb / 2P
   Emitted Color: Pure White?갮arm White
G60-6W-W3-E27 HB-G60-6W-W3-E27 Datasheet
332Kb / 1P
   Emitted Color: Pure White?갮arm White
G60-6W-W6-E27 HB-G60-6W-W6-E27 Datasheet
332Kb / 1P
   Emitted Color: Pure White?갮arm White
G60-6W-W6-GU10 HB-G60-6W-W6-GU10 Datasheet
307Kb / 2P
   Emitted Color: Pure White?갮arm White
GU60-3W-W3-E27 HB-GU60-3W-W3-E27 Datasheet
163Kb / 1P
   Emitted Color: Pure White?갮arm White
GU60-3W-W6-E27 HB-GU60-3W-W6-E27 Datasheet
241Kb / 1P
   Emitted Color: Pure White?갮arm White
MR16-36PCS2W-W3-E27 HB-MR16-36PCS2W-W3-E27 Datasheet
1Mb / 2P
   Emitted Color Pure White Warm White
MR16-36PCS2W-W3-GU10 HB-MR16-36PCS2W-W3-GU10 Datasheet
548Kb / 2P
   Emitted Color Pure White Warm White
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com