データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-36X36-4P-12V データシート(PDF) 2 Page - HB Electronic Components

部品番号 LM-W6-36X36-4P-12V
部品情報  Emitted Color: Pure White?갮arm White?갧ed?갳ellow?갃lue?갍reen
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-36X36-4P-12V データシート(HTML) 2 Page - HB Electronic Components

  LM-W6-36X36-4P-12V Datasheet HTML 1Page - HB Electronic Components LM-W6-36X36-4P-12V Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page: 2 of 2
Package Dimensions /产品尺寸图
Circuit Diagram/产品线路图
Notes /备注:
1.
All dimensions are in millimeters. /所有的尺寸单位为 mm.
2.
Tolerance is ±1 mm unless otherwise specified. /默认的尺寸公差为±1 mm.
3.
Specifications are subject to change without notice. /产品外形若有变更,恕不特别通知.
LM-W6-36X36-4P-12V
Hebei I.T.
ha
ai Co., Ltd.
ngh
(S
)


同様の部品番号 - LM-W6-36X36-4P-12V

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-40X40-4P-12V HB-LM-W6-40X40-4P-12V Datasheet
120Kb / 2P
   LED
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
LM-W6-60X10-2W HB-LM-W6-60X10-2W Datasheet
288Kb / 6P
   High radiometric power per LED Very long operating life
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
More results

同様の説明 - LM-W6-36X36-4P-12V

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W3-36X36-4P-12V HB-LM-W3-36X36-4P-12V Datasheet
317Kb / 2P
   Emitted Color: Pure White?갮arm White?갧ed?갳ellow?갃lue?갍reen
C40-1.5W-W3-E27 HB-C40-1.5W-W3-E27 Datasheet
525Kb / 2P
   Emitted Color: Pure White?갮arm White?갧ed?갳ellow?갃lue?갍reen
G60-6W-W3-GU10 HB-G60-6W-W3-GU10 Datasheet
307Kb / 2P
   Emitted Color: Pure White?갮arm White
G60-6W-W3-E27 HB-G60-6W-W3-E27 Datasheet
332Kb / 1P
   Emitted Color: Pure White?갮arm White
G60-6W-W6-E27 HB-G60-6W-W6-E27 Datasheet
332Kb / 1P
   Emitted Color: Pure White?갮arm White
G60-6W-W6-GU10 HB-G60-6W-W6-GU10 Datasheet
307Kb / 2P
   Emitted Color: Pure White?갮arm White
GU60-3W-W3-E27 HB-GU60-3W-W3-E27 Datasheet
163Kb / 1P
   Emitted Color: Pure White?갮arm White
GU60-3W-W6-E27 HB-GU60-3W-W6-E27 Datasheet
241Kb / 1P
   Emitted Color: Pure White?갮arm White
MR16-36PCS2W-W3-E27 HB-MR16-36PCS2W-W3-E27 Datasheet
1Mb / 2P
   Emitted Color Pure White Warm White
MR16-36PCS2W-W3-GU10 HB-MR16-36PCS2W-W3-GU10 Datasheet
548Kb / 2P
   Emitted Color Pure White Warm White
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com